Electronic Components Datasheet Search
  English  ▼

X  

TLE2037AMFK Datasheet(PDF) 22 Page - Texas Instruments

Part # TLE2037AMFK
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2037AMFK Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLE2037AMFK Datasheet HTML 18Page - Texas Instruments TLE2037AMFK Datasheet HTML 19Page - Texas Instruments TLE2037AMFK Datasheet HTML 20Page - Texas Instruments TLE2037AMFK Datasheet HTML 21Page - Texas Instruments TLE2037AMFK Datasheet HTML 22Page - Texas Instruments TLE2037AMFK Datasheet HTML 23Page - Texas Instruments TLE2037AMFK Datasheet HTML 24Page - Texas Instruments TLE2037AMFK Datasheet HTML 25Page - Texas Instruments TLE2037AMFK Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
22
www.ti.com
TYPICAL CHARACTERISTICS
300°
100°
275°
250°
225°
200°
175°
150°
125°
AVD
Phase Shift
70
40
20
3
0
− 3
− 6
− 9
− 12
− 15
6
100
f − Frequency − MHz
− 18
10
VCC± = ± 15 V
RL = 2 kΩ
CL = 100 pF
TA = 25
°C
Figure 23
TLE2027
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
− 5
−10
15
1
2
4
10
40
100
20
10
5
0
30
25
20
f − Frequency − MHz
275
300
175
200
225
250
100
125
150
°
°
°
°
°
°
°
°
°
Phase Shift
AVD
TA = 25°C
CL = 100 pF
RL = 2 kΩ
VCC± = ± 15 V
Figure 24
TLE2037
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com