Electronic Components Datasheet Search
  English  ▼

X  

GL34A Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # GL34A
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

GL34A Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  GL34A Datasheet HTML 1Page - Diode Semiconductor Korea GL34A Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
10
1
0.1
0.01
0.1
1
100
10
S1(K,M)
S1(A-J)
UNITS MOUNTED on
0.20x0.20''(5.0X5.0mm)X0.5mil
INCHES(0.013mm)
THICK COPPERLAND AREAS
Puise Width=300
S
1%DUTY CYCLE
0.4
0.01
0.1
1
10
0.6
0.8
1.0.
1.2
1.4
1.6
1.8
2.0
100
TJ=25 C
O
TJ=125 C
O
TJ=75 C
O
TJ=25 C
O
100
0.1
0.01
0.001
1
10
80
0
20
40
60
100
1
110100
TL =1 10 C
8.3m s Single Half Sine
W ave
(JE DE C M ethod)
10
100
O
S 1(A-J)
S1(K,M )
30
40
Resistive or
inductive Load
0.2X0.2(5.0X5.0mm)
THICK COPPERPAND
AREAS
0
0
20
40
0.2
0.4
0.6
0.8
1.2
1.0
120
60
80
100
160
140
GL34A---GL34M
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.1 -- FORWARD DERATING CURVE
FIG.2 PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
FIG.6-TRANSIENT THERMAL IMPEDANCE
REVERSE VOLTAGE,VOLTS
PULSE DURATON,SEC
AMBIENT TEMPERATURE
.2
2
1
.1
4
.4
1.0
2
40
10
20
60
100
41
0
2
0
40
1
00
f=1MHz
TJ=25
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com