Electronic Components Datasheet Search
  English  ▼

X  

M2J Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # M2J
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

M2J Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  M2J Datasheet HTML 1Page - Diode Semiconductor Korea M2J Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.3± 0.1
1.3± 0.2
0.2± 0.05
5.6± 0.2
FEATURES
For surface mounted applications
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case: JEDEC
SMAJ,molded plastic
Terminals: Solder plated, solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode end
Weight: 0.003 ounces, 0.084 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forward rectified
current
@TL=110
I(AV)
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load TJ=125
Maximum instantaneous forward
voltage at 1.0 A
VF
V
Maximum reverse current
@TA=25
at rated DC blocking voltage @TA=100
I R
µA
Typical junction capacitance (Note1)
CJ
pF
Typical thermal resistance (Note2)
RθJA
/W
Operating temperature range
TJ
Storage temperature range
TSTG
2. Thermal resistance from junction to ambient
35
70
SURFACE MOUNT RECTIFIERS
Easily cleaned with Alcohol,Isopropnol
and similar solvents
The plastic material carries U/L
recognition 94V-0
Dimensions in millimeters
50
100
1.0
1.1
VOLTAGE RANGE
: 50 ---- 1000V
CURRENT:
1.0 A
M1J
M2J
M3J
M4J
M5J
M6J
M7J
SMAJ
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
IFSM
A
30
-
55 --- + 150
-
55 --- + 150
15
5.0
50
75
50
100
M1J---M7J
Device marking
M1
M2
M3
M4
M5
M6
M7
Diode Semiconductor Korea
www.diode.kr


Similar Description - M2J

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com