Electronic Components Datasheet Search
  English  ▼

X  

M5J Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # M5J
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

M5J Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  M5J Datasheet HTML 1Page - Diode Semiconductor Korea M5J Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
0.01
0.1
10
1
100
TJ=25 C
f=1.0MHZ
Vsig=50mVp-p
0
Puise Width=300
S
1%DUTY CYCLE
0.4
0.01
0.1
1
10
0.6
0.8
1.0.
1.2
1.4
1.6
1.8
2.0
100
TJ=25 C
O
TJ=125 C
O
TJ=75 C
O
TJ=25 C
O
100
0.1
0.01
0.001
1
10
80
0
20
40
60
100
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
FIG.6-TRANSIENT THERMAL IMPEDANCE
REVERSE VOLTAGE,VOLTS
PULSE DURATON,SEC
AMBIENT TEMPERATURE
M1J--M7J
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.1 -- FORWARD DERATING CURVE
FIG.2 PEAK FORWARD SURGE CURRENT
1.0
0.8
0.6
0.4
0.2
0
0
Resistive or
inductive Load
0.2X0.2(5.0X5.0mm)
THICK COPPERPAND
AREAS
1.2
20
40
60
80
100
120
140
160
1
1
10
10 0
10
10 0
TL =110 C
8 .3 m s S in g le H a lf S in e
W a ve
(J EDE C M e thod)
O
30
0.1
0.1
1
10
100
10
1
0.01
100
UNITSMOUNTEDon
0.20x0.20''(5.0X5.0mm)X0.5mil
INCHES(0.013mm)
THICKCOPPERLANDAREAS
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com