Electronic Components Datasheet Search
  English  ▼

X  

R1500F Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # R1500F
Description  HIGH VOLTAGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

R1500F Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  R1500F Datasheet HTML 1Page - Diode Semiconductor Korea R1500F Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Diffus ed junction
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO--41,m olded plastic
Term inals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.012ounces,0.34 gram s
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwise specified.
Single phase,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 0.5A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse capacitance
(Note1)
trr
ns
Typical thermal resistance
(Note2)
RθJA
/W
Typical junction capacitance
(Note3)
CJ
pF
Operating junction temperature range
TJ
Storage temperature range
TSTG
3. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
0.5
0.2
2.5
4.0
2. Thermal resistance f rom junction to ambient.
- 55 ---- + 150
NOTE: 1. Measrued with I
F=0.5A, IR=1A, Irr=0.25A.
100.0
- 55 ---- + 150
500
35
15
A
5.0
Easily cleaned with alcohol,Isopropanol
and sim ilar s olvents
IF(AV)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
The plas tic m aterial carries U/L recognition 94V-0
R1200F
R1500F
1200
1500
1800
2000
A
A
30.0
IFSM
IR
1260
2000
1400
1200
840
1500
1050
R1800F
R2000F
1800
R1200F --- R2000F
HIGH VOLT AGE RECT IFIERS
VOLTAGE RANGE: 1200 --- 2000 V
CURRENT: 0.2A to 0.5A
DO - 41
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - R1500F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R1500F RECTRON-R1500F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Jinan Gude Electronic D...
R1500F JGD-R1500F Datasheet
128Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Bytes
R1500F BYTES-R1500F Datasheet
154Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Dc Components
R1500F DCCOM-R1500F Datasheet
410Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
R1500F DIODES-R1500F Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21102 Rev. G-2
More results

Similar Description - R1500F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
UGE3126AY4 IXYS-UGE3126AY4 Datasheet
57Kb / 2P
High Voltage Rectifiers
logo
Semikron International
SI-E3000-1350-2.5 SEMIKRON-SI-E3000-1350-2.5 Datasheet
98Kb / 2P
High voltage rectifiers
logo
Galaxy Semi-Conductor H...
R1200F BILIN-R1200F Datasheet
73Kb / 2P
HIGH VOLTAGE RECTIFIERS
logo
Shenzhen Luguang Electr...
3R12 LUGUANG-3R12 Datasheet
156Kb / 2P
High Voltage Rectifiers
logo
Diode Semiconductor Kor...
R1200 DSK-R1200 Datasheet
55Kb / 2P
HIGH VOLTAGE RECTIFIERS
R2500 DSK-R2500 Datasheet
286Kb / 2P
HIGH VOLTAGE RECTIFIERS
3R12 DSK-3R12 Datasheet
64Kb / 2P
HIGH VOLTAGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
PR1600 BILIN-PR1600 Datasheet
264Kb / 2P
HIGH VOLTAGE RECTIFIERS
R1200 BILIN-R1200_15 Datasheet
256Kb / 2P
HIGH VOLTAGE RECTIFIERS
R2500 BILIN-R2500 Datasheet
275Kb / 2P
HIGH VOLTAGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com