Electronic Components Datasheet Search
  English  ▼

X  

ICPL2631 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ICPL2631
Description  DUAL CHANNEL, HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICPL2631 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ICPL2631 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICPL2631 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICPL2631 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICPL2631 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SWITCHING SPECIFICATIONS AT T
A = 25°C ( VCC = 5V, IF = 7.5mA Unless otherwise noted )
PARAMETER
SYM DEVICE
MIN TYP MAX UNITS TEST CONDITION
Propagation Delay Time
to Logic Low at Output
t
PHL
55
75
ns
R
L = 350Ω, CL = 15pF
( fig 1 )( note2 )
Propagation Delay Time
to Logic High at Output
t
PLH
45
75
ns
R
L = 350Ω, CL = 15pF
( fig 1 )( note3 )
Common Mode Transient
Immunity at Logic High
CM
H
ICPL2630
10000
V/
µs
I
F = 0mA, VCM = 50VPP
Level Output ( fig 2 )( note7 )
ICPL2631
1000 10000
V/
µs
R
L= 350Ω,VOH= 2Vmin.
Common Mode Transient
Immunity at Logic Low
CM
L
ICPL2630
-10000
V/
µs
V
CM= 50VPP
Level Output ( fig 2 )( note8 )
ICPL2631 -1000 -10000
V/
µs
R
L=350Ω,VOL=0.8Vmax.
NOTES:-
1
Bypassing of the power supply line is required, with a 0.01
µF ceramic disc capacitor adjacent to
each isolator. The power supply bus for the isolator(s) should be seperate from the bus for any
active loads. Otherwise a larger value of bypass capacitor (up to 0.1
µF) may be needed to supress
regenerative feedback via the power supply.
2
The t
PHL
propagation delay is measured from the 3.75 mA level Low to High transition of the input
current pulse to the 1.5V level on the High to Low transition of the output voltage pulse.
3
The t
PLH propagation delay is measured from the 3.75mA level High to Low transition of the input
current pulse to the 1.5V level on the Low to High transition of the output voltage pulse.
4
Device considered a two terminal device; pins 1, 2, 3, and 4 shorted together, and pins 5, 6, 7
and 8 shorted together.
5
Each channel.
6
Measured between pins 1 and 2 shorted together and pins 3 and 4 shorted together.
7
CM
H is the maximum tolerable rate of rise of the common mode voltage to assure that the output
will remain in a high logic state (ie Vout > 2.0V).
8
CM
L is the maximum tolerable rate of fall of the common mode voltage to assure that the output
will remain in a low logic state (ie Vout < 0.8V)
DB92601-AAS/A1
9/10/00
FIG.1 SWITCHING TEST CIRCUIT
2
I
F Monitor
0
I
F
V
O
1.5V
100
Ω
1.5V
5V
t
PHL
t
PLH
V
OL
R
L
V
O
C
L = 15pF
8
7
6
5
PULSE
GENERATOR
Z
O = 50Ω
t
r = 5ns
I
F
1
4
3
5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com