Electronic Components Datasheet Search
  English  ▼

X  

S1DB Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # S1DB
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

S1DB Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  S1DB Datasheet HTML 1Page - Diode Semiconductor Korea S1DB Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 . 5± 0.1 5
1.25± 0.2
0.2± 0.05
5 . 3± 0.2
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
S1DB S1GB
S1JB S1KB
S1MB
Maximumrecurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
MaximumRMS voltage
VRMS
140
280
420
560
700
V
MaximumDC blocking voltage
VDC
200
400
600
800
1000
V
Maximumaverage forw ord rectified current
V @TL=110
IF(AV)
A
Peak forw ard surge current @ T
L = 110°C
V 8.3ms single half-sine-w ave superimposed
V on rated load (JEDEC Method)
IFSM
A
Maximuminstantaneous forw ard voltage at 1.0A
VF
V
MaximumDC reverse current
@T
A=25
oC
at rated DC blockjing voltage
@T
A=125
oC
Typical junction capacitance(NOTE1)
CJ
pF
Operating junction and storage temperature range T
JTSTG
oC
Plastic package has underwriters laboratory
111 flammability classifications
UNITS
30
50
100
35
70
50
100
50
1.1
2.Thermal resistance form junction to ambient and junction to lead P.C.B mounted on 0.27"X0.27"(7.0X7.0mm2) copper pad areas.
-55--------+150
1.0
IR
1.0
For surface mounted applications
Low profile package
S1AB
Polarity: Color band denotes cathode end
Weight: 0.003 ounces, 0.093 grams
Terminals:Solder Plated, solderable per MIL-STD-
1111750, Method 2026
High temperature soldering:
1 260oC/10 seconds at terminals
S1AB --- S1MB
NOTE: 1.Measured at 1.0MHz and applied reverse voltage of 4.0volts
12
REVERSE VOLTAGE: 50 - 1000 V
CURRENT: 1.0 A
Built-in strain relief,ideal for automated placement
Case:JEDEC SMB,molded plastic over
1111passivated chip
SURFACE MOUNT RECTIFIERS
SMB
Typical thermal resitance (NOTE2)
oC/W
S1BB
Dimensions in millimeters
JA
R
50
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - S1DB

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S1DB SSE-S1DB Datasheet
18Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1DB DIODES-S1DB Datasheet
54Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
logo
Weitron Technology
S1DB WEITRON-S1DB Datasheet
116Kb / 3P
Surface Mount Standard Recovery Glass Passivated
logo
Taiwan Semiconductor Co...
S1DB TSC-S1DB Datasheet
54Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1DB TSC-S1DB Datasheet
248Kb / 2P
1.0 AMP. Surface Mount Rectifiers
More results

Similar Description - S1DB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com