Electronic Components Datasheet Search
  English  ▼

X  

S2GA Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # S2GA
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

S2GA Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  S2GA Datasheet HTML 1Page - Diode Semiconductor Korea S2GA Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.5± 0.1
1.3± 0.2
0.2± 0.05
5.1± 0.2
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
S2AA
S2BA
S2DA S2GA S2JA S2KA S2MA
Maximumrecurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
MaximumRMS voltage
VRWS
140
280
420
560
700
V
MaximumDC Blocking Voltage
VDC
200
400
600
800
1000
V
Maximumaverage forw ord rectified current
V @ T
L=90
OC
IF(AV)
A
Peak forw ard surge current @ T
L = 110°C 8.3ms
V single half-sine-w ave superimposed on rated
V load(JEDEC Method)
IFSM
A
MaximumInstantaneous forw ard voltage at 2.0A
VF
V
MaximumDC reverse current
@T
A=25
oC
at rated DC blockjing voltage
@T
A=125
oC
Typical junction capacitance (NOTE2)
CJ
pF
JA
Operating junction and storage temperature range
TJTSTG
oC
Terminals:Solder Plated, solderable per MIL-STD-
1111750, Method 2026
SURFACE MOUNT RECTIFIERS
DO-214AC(SMA)
Polarity: Color band denotes cathode end
Weight: 0.002 ounces, 0.064 gram
2.0
IR
50
50
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0 Volts
20
oC/W
Typical thermal resitance (NOTE3)
125
1.15
-55--------+150
5.0
3. Thermal resistance f rom junction to ambient and junction to lead P.C.B.mounted on 0.27''X0.27''(7.0X7.0mm2) copper pad areas
NOTE: 1.Rev erse recov ery time test conditions:I
F=0.5A,IR=1.0A,Irr=0.25A
100
35
70
Plastic package has underwriters laboratory
111 flammability classification 94V-0
100
For surface mounted applications
50
UNITS
S2AA---S2MA
REVERSE VOLTAGE: 50 --- 1000 V
CURRENT: 2.0 A
Built-in strain relief,ideal for automated placement
Case:JEDEC DO-214AC,molded plastic over
1111passivated chip
High temperature soldering:
111 250oC/10 seconds at terminals
Low profile package
Dimensions in millimeters
R
50
µA
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - S2GA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S2GA SSE-S2GA Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2GA DIODES-S2GA Datasheet
47Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
logo
Won-Top Electronics
S2GA WTE-S2GA Datasheet
47Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S2GA TSC-S2GA Datasheet
51Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
S2GA TSC-S2GA Datasheet
133Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
More results

Similar Description - S2GA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com