Electronic Components Datasheet Search
  English  ▼

X  

HT9315DL Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT9315DL
Description  15-Memory Tone/Pulse Dialer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9315DL Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT9315DL Datasheet HTML 10Page - Holtek Semiconductor Inc HT9315DL Datasheet HTML 11Page - Holtek Semiconductor Inc HT9315DL Datasheet HTML 12Page - Holtek Semiconductor Inc HT9315DL Datasheet HTML 13Page - Holtek Semiconductor Inc HT9315DL Datasheet HTML 14Page - Holtek Semiconductor Inc HT9315DL Datasheet HTML 15Page - Holtek Semiconductor Inc HT9315DL Datasheet HTML 16Page - Holtek Semiconductor Inc HT9315DL Datasheet HTML 17Page - Holtek Semiconductor Inc HT9315DL Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
HT9315 Series
Rev. 1.20
14
October 1, 2002
D 1 ~ D 1 2 = 0 ~ 9
D m
D m + 1 D m + 2 = 0 ~ 9
D l . . . D n = 0 ~ 9 , * , #
N o t e :
R M : R e d i a l m e m o r y
S A M : S a v e d i a l i n g m e m o r y
D 1 D 2 . . . D n : 0 ~ 9
D n + 1 . . . D m : 0 ~ 9 , * , #
D m + 1 . . . D I : 0 ~ 9 , * , #
D I + 1 . . . D K : 0 ~ 9 , * , #
. N o t e :
- P e r s o n a l / L o c k N o . 1 / L o c k N o . 2 i n p u t o p e r a t i o n
S t o r e s P e r s o n a l C o d e : S T D 1 D 2 D 3 S T * 0
S t o r e s L o c k N o . 1 : S T D 4 D 5 D 6 S T * 1
S t o r e s L o c k N o . 2 : S T D 7 D 8 D 9 S T * 2
C h a n g e s P e r s o n a l C o d e : S T D 1 D 2 D 3 S T # S T D 4 D 5 D 6 S T * 0
( O l d p e r s o n a l c o d e )
( N e w p e r s o n a l c o d e )
C h a n g e s L o c k N o . 1 : S T D 1 D 2 D 3 S T # S T D 4 D 5 D 6 S T * 1
( P e r s o n a l c o d e )
( L o c k N o . 1 )
C h a n g e s L o c k N o . 2 : S T D 1 D 2 D 3 S T # S T D 7 D 8 D 9 S T * 2
( L o c k N o . 2 )
C h a n g e s P e r s o n a l C o d e , L o c k N o . 1 a n d L o c k N o . 2 a t o n e t i m e
( P e r s o n a l c o d e )
S T D 1 D 2 D 3 S T # S T D 4 D 5 D 6 S T * 0 ( c o n t i n u e d )
( O l d p e r s o n a l c o d e )
( N e w p e r s o n a l c o d e )
( L o c k N o . 1 )
( L o c k N o . 2 )
P e r s o n a l / L o c k N o . 1 / L o c k N o . 2 c a n c e l o p e r a t i o n
S T D 7 D 8 D 9 S T * 1 S T D 1 0 D 1 1 D 1 2 S T * 2
C a n c e l s P e r s o n a l c o d e : S T D 1 D 2 D 3 S T # S T #
0
C a n c e l s L o c k N o . 1 : S T D 1 D 2 D 3 S T # S T #
1
C a n c e l s L o c k N o . 2 : S T D 1 D 2 D 3 S T # S T #
2
T e m p o r a r y r e l e a s e b o t h o f t h e l o c k e d n u m b e r s ( L o c k N o . 1 , L o c k N o . 2 ) :
S T D 1 D 2 D 3 S T # D m
D m + 1 D m + 2 D l . . . D n
( P e r s o n a l c o d e )
( a ) P e r s o n a l c o d e d o e s n ' t e x i s t
( b ) P e r s o n a l c o d e e x i s t
· K e y b o a r d o p e r a t e d I D D l o c k f u n c t i o n ( 2 l o c k e d n u m b e r s o r a m a x . o f 3 d i g i t s / n u m b e r s )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com