Electronic Components Datasheet Search
  English  ▼

X  

TLV2361CDBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2361CDBVT
Description  HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2361CDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2361CDBVT Datasheet HTML 3Page - Texas Instruments TLV2361CDBVT Datasheet HTML 4Page - Texas Instruments TLV2361CDBVT Datasheet HTML 5Page - Texas Instruments TLV2361CDBVT Datasheet HTML 6Page - Texas Instruments TLV2361CDBVT Datasheet HTML 7Page - Texas Instruments TLV2361CDBVT Datasheet HTML 8Page - Texas Instruments TLV2361CDBVT Datasheet HTML 9Page - Texas Instruments TLV2361CDBVT Datasheet HTML 10Page - Texas Instruments TLV2361CDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TLV2361, TLV2362
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS195H − FEBRUARY 1997 − REVISED JUNE 2007
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 1
1
0.5
0
1.5
2
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
2.5
TA − Free-Air Temperature − °C
VCC = ±2.5 V
VCC = ±1.5 V
VO = 0
No Load
Per Channel
−50
−25
0
25
50
75
100
Figure 2
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
1
0.5
0
1.5
2
2.5
0
±1
±2
±3
±4
±5
VO = 0
No Load
Per Channel
TA = 25°C
TA = 0°C
TA = −40°C
TA = 85°C
TA = 75°C
VCC± − Supply Voltage − V
Figure 3
1.5
1
0.5
0
2
MAXIMUM POSITIVE OUTPUT VOLTAGE
vs
OUTPUT CURRENT
2.5
VCC± = ±2.5 V
VCC± = ±1.5 V
TA = 25°C
IO − Output Current − mA
0
−0.4
−0.8
−1.2
−1.8
−2
Figure 4
0
4
8
121620
IO − Output Current − mA
VCC± = ±1.5 V
MAXIMUM NEGATIVE OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VCC± = ±2.5 V
−1
−1.5
−2
−2.5
−0.5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com