Electronic Components Datasheet Search
  English  ▼

X  

IRF7241 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7241
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7241 Datasheet(HTML) 1 Page - International Rectifier

  IRF7241 Datasheet HTML 1Page - International Rectifier IRF7241 Datasheet HTML 2Page - International Rectifier IRF7241 Datasheet HTML 3Page - International Rectifier IRF7241 Datasheet HTML 4Page - International Rectifier IRF7241 Datasheet HTML 5Page - International Rectifier IRF7241 Datasheet HTML 6Page - International Rectifier IRF7241 Datasheet HTML 7Page - International Rectifier IRF7241 Datasheet HTML 8Page - International Rectifier IRF7241 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-40
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-6.2
ID @ TA= 70°C
Continuous Drain Current, VGS @ -10V
-4.9
A
IDM
Pulsed Drain Current

-25
PD @TA = 25°C
Power Dissipation
ƒ
2.5
PD @TA = 70°C
Power Dissipation
ƒ
1.6
Linear Derating Factor
20
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
1/26/01
www.irf.com
1
IRF7241
HEXFET® Power MOSFET
PD- 94087
Absolute Maximum Ratings
W
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
VDSS
RDS(on) max (mΩ)
Ω)
Ω)
Ω)
Ω)
ID
-40V
41@VGS = -10V
-6.2A
70@VGS = -4.5V
-5.0A
SO-8
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
ƒ
–––
50
°C/W
Thermal Resistance
New trench HEXFET® Power MOSFETs
from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance
per silicon area. This benefit, combined with the
ruggedized
device
design that HEXFET power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in battery and load management applications.
q
Trench Technology
q
Ultra Low On-Resistance
q
P-Channel MOSFET
q
Available in Tape & Reel
Description


Similar Part No. - IRF7241

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRF7241 EVVOSEMI-IRF7241 Datasheet
983Kb / 9P
-40V P-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF7241PBF IRF-IRF7241PBF Datasheet
170Kb / 9P
HEXFET Power MOSFET
IRF7241PBF IRF-IRF7241PBF Datasheet
176Kb / 9P
Trench Technology
IRF7241PBF IRF-IRF7241PBF_15 Datasheet
176Kb / 9P
Trench Technology
logo
VBsemi Electronics Co.,...
IRF7241TRPBF VBSEMI-IRF7241TRPBF Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
More results

Similar Description - IRF7241

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com