Electronic Components Datasheet Search
  English  ▼

X  

LP5904 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP5904
Description  Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5904 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5904 Datasheet HTML 7Page - Texas Instruments LP5904 Datasheet HTML 8Page - Texas Instruments LP5904 Datasheet HTML 9Page - Texas Instruments LP5904 Datasheet HTML 10Page - Texas Instruments LP5904 Datasheet HTML 11Page - Texas Instruments LP5904 Datasheet HTML 12Page - Texas Instruments LP5904 Datasheet HTML 13Page - Texas Instruments LP5904 Datasheet HTML 14Page - Texas Instruments LP5904 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SVA-30110409
SVA-30110405
IIN
40 ms/DIV
1A/DIV
VOUT
VEN
1V/DIV
1V/DIV
SVA-30110430
IIN
40 ms/DIV
1A/DIV
VEN = VIN = VOUT +1
VOUT
1V/DIV
1V/DIV
SVA-30110428
IIN
40 ms/DIV
1A/DIV
VOUT
VEN
1V/DIV
1V/DIV
SVA-30110429
LP5904
www.ti.com
SNVS637G – MARCH 2011 – REVISED APRIL 2013
TYPICAL CHARACTERISTICS (continued)
Unless otherwise noted, VOUT = 2.8V, VIN = 3.8V, EN = 1.2V, CIN = 1.0 µF, COUT = 1.0 µF, TA = 25°C.
VEN Ramping
Supply Ramping VEN = VIN = (VOUT + 1V)
vs
vs
VOUT at IOUT = 100 µA,
VOUT at IOUT = 100 µA, VOUT = 3.3V
VIN = (VOUT + 1V), VOUT = 3.3V
Figure 32.
Figure 33.
VEN Ramping
vs
VOUT at IOUT = 200 mA,
High Inrush due to Fast Power-On (VIN = VEN)
VIN = (VOUT + 1V), VOUT = 3.3V
Such as in Hot-Plug
Figure 34.
Figure 35.
No Inrush Current in Normal Power-On due to
System Capacitance Showing VIN Ramping
Figure 36.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP5904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com