Electronic Components Datasheet Search
  English  ▼

X  

US1AB Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # US1AB
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

US1AB Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  US1AB Datasheet HTML 1Page - Diode Semiconductor Korea US1AB Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 . 5± 0.1 5
1.25± 0.2
0.2± 0.05
5 . 3± 0.2
FEATURES
MECHANICAL DATA
Ratings at 25
oC ambient temperature unless otherwise specified
US1DB US1GB US1JB US1KB US1MB
US1DB US1GB US1JB
US1KB US1MB
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRWS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average f orw ard rectif ied current at
T
L=110
OC
IF(AV)
A
Peak f orw ard surge current 8.3ms single half -
sine-w ave superimposed on rated load(JEDEC
Method)
IFSM
A
Maximum instantaneous f orward voltage at1.0A
VF
V
Maximum DC reverse current
@T
A=25
oC
at rated DC blockjing volt
A=125
o
C
age
@T
Maximum reverse recovery time at I
F=0.5A
I
R=1.0A Irr=0.25A
trr
ns
Typical junction capacitance at 4.0V,1MH
Z
CJ
pF
RθJA
RθJL
Operating temperature range
TJ
oC
Storage temperature range
TSTG
oC
1.0
US1BB
◇ Low forward voltage,low power loss
◇ Low profile package
◇ Easy pick and place
◇ Ultrafast recovery times for high efficiency
◇ Case:JEDEC SMB,molded plastic body over
passivated chip
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
15
30.0
50
1.0
1.7
SMB
Maximum thermal resistance (NOTE1)
oC/W
US1BB
◇ High temperature soldering:
111 250
oC/10 seconds on terminals
US1AB
◇ Polarity: Color band denotes cathode end
◇ Weight: 0.003 ounces, 0.093 gram
μΑ
◇ Term inals:Solder Plated, solderable per MIL-STD-750,
1111Method 2026
US1A B---US1M B
REVERSE VOLTAGE: 50 - 1000 V
FORWARD CURRENT: 1.0 A
◇ Built-in strain relief,ideal for autom ated placem ent
Device marking code
SURFACE MOUNT RECTIFIERS
◇ Glass passivated chip junctions
◇ Plastic package has underwriters laboratories
vvvvvflam mability class ification 94V-0
◇ For surface mount applications
100.0
-55------- +150
5.0
55
20
IR
NOTE: 1.P.C.B.mounted on 0.2X0.2"(5.0X5.0mm) copper pad area
-55------- +150
UNITS
50
100
35
70
50
100
US1AB
20
75
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - US1AB

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US1AB SSE-US1AB Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
PACELEADER INDUSTRIAL
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Shenzhen Luguang Electr...
US1AB LUGUANG-US1AB Datasheet
171Kb / 2P
Surface Mount Rectifiers
logo
YENYO TECHNOLOGY Co., L...
US1AB YENYO-US1AB Datasheet
697Kb / 2P
Surface Mount Ultra Fast Recovery Rectifier
logo
SUNMATE electronic Co.,...
US1AB SUNMATE-US1AB Datasheet
293Kb / 2P
SURFACE MOUNT ULTAFAST RECTIFIER DIODES
More results

Similar Description - US1AB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com