Electronic Components Datasheet Search
  English  ▼

X  

TLK2701IRCPR Datasheet(PDF) 11 Page - Texas Instruments

Part # TLK2701IRCPR
Description  1.6 TO 2.7 GBPS TRANSCEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2701IRCPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK2701IRCPR Datasheet HTML 7Page - Texas Instruments TLK2701IRCPR Datasheet HTML 8Page - Texas Instruments TLK2701IRCPR Datasheet HTML 9Page - Texas Instruments TLK2701IRCPR Datasheet HTML 10Page - Texas Instruments TLK2701IRCPR Datasheet HTML 11Page - Texas Instruments TLK2701IRCPR Datasheet HTML 12Page - Texas Instruments TLK2701IRCPR Datasheet HTML 13Page - Texas Instruments TLK2701IRCPR Datasheet HTML 14Page - Texas Instruments TLK2701IRCPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TLK2701
1.6 TO 2.7 GBPS TRANSCEIVER
SLLS429D − AUGUST 2000 − REVISED MARCH 2008
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
−0.3 to 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at TXD, ENABLE, GTX_CLK, TKLMSB, TKLLSB, LOOPEN, PRBS_PASS
−0.3 to 4 V
. . . . . . . .
Voltage range at any other terminal except above
−0.3 to VDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package power dissipation, PD
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge
HBM:2 kV, CDM:1 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Characterized free-air operating temperature range, TA
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values, except differential I/O bus voltages, are with respect to network ground.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25_C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25_C
TA = 70_C
POWER RATING
RCP64§
5.25 W
46.58 mW/
_C
2.89 W
RCP64
3.17 W
23.70 mW/
_C
1.74 W
RCP64#
2.01 W
13.19 mW/
_C
1.11 W
‡ This is the inverse of the traditional junction-to-ambient thermal resistance (RθJA).
§ 2 oz. Trace and copper pad with solder.
2 oz. Trace and copper pad without solder.
# Standard JEDEC High-K board.
For more information, refer to TI application note PowerPAD Thermally Enhanced Package, TI literature number
SLMA002.
electrical characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.3
2.5
2.7
V
Frequency = 1.6 Gbps, PRBS pattern
105
Supply current, ICC
Frequency = 2.7 Gbps, PRBS pattern
156
mA
Frequency = 1.6 Gbps, PRBS pattern
262
mW
Power dissipation, PD
Frequency = 2.7 Gbps, PRBS pattern
390
mW
Power dissipation, PD
Frequency = 2.7 Gbps, worst case pattern||
500
mW
Shutdown current
Enable = 0, VDDA, VDD terminals, VDD = MAX
3
mA
PLL startup lock time
VDD,VDDC = 2.3V
0.1
0.4
ms
Operating free-air temperature, TA
− 40
85
°C
|| Worst case pattern is a pattern that creates a maximum transition density on the serial transceiver.
reference clock (GTX_CLK) timing requirements over recommended operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
Minimum data rate
Typ −0.01%
80
Typ+0.01%
MHz
Frequency
Maximum data rate
Typ −0.01%
135
Typ+0.01%
MHz
Frequency tolerance
− 100
100
ppm
Duty cycle
40%
50%
60%
Jitter
Peak-to-peak
40
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com