Electronic Components Datasheet Search
  English  ▼

X  

LP8501 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 22Page - Texas Instruments LP8501 Datasheet HTML 23Page - Texas Instruments LP8501 Datasheet HTML 24Page - Texas Instruments LP8501 Datasheet HTML 25Page - Texas Instruments LP8501 Datasheet HTML 26Page - Texas Instruments LP8501 Datasheet HTML 27Page - Texas Instruments LP8501 Datasheet HTML 28Page - Texas Instruments LP8501 Datasheet HTML 29Page - Texas Instruments LP8501 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
LED brightness
(adjusted with PWM
duty cycle)
Time
Powersave mode if
brightness = 0
longer than 50 ms
POWER
SAVE
POWERSAVE
Time
Additional power
savings from PWM
powersave mode
Chip current consumption
(LED current not included)
LED brightness
(adjusted with PWM
duty cycle)
Time
Time
Powersave mode if
brightness = 0
longer than 50 ms
Chip current consumption
(LED current not included)
POWER
SAVE
POWERSAVE
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
PWM Cycle Power Save Mode
PWM cycle power save mode is enabled when the PWM_POWERSAVE bit in register 36h is set to '1'. In PWM
power save mode analog blocks are powered down during the down time of the PWM cycle. Blocks are powered
down depending upon whether an external or an internal clock is used. While the Automatic Power-Save Mode
saves energy when there is no PWM activity, the PWM Power-Save mode saves energy during PWM cycles.
Like the Automatic Power-Save Mode, PWM Power-Save Mode works also during program execution.
Figure 22. The Effect of Power-Save mode during a Lighting Sequence
Figure 23. The effect of Powersave and PWM Powersave modes during a lighting sequence
Logic Interface Operational Description
The LP8501 features a flexible logic interface for connecting to processor and peripheral devices.
Communication is done with and I2C-compatible interface; different logic input/output pins makes it possible to,
for example, trigger program execution or enable power saving for the device.
26
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com