| Electronic Components Datasheet Search |
|
LP8551 Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP8551 Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 47 page ![]() BOOST LED DRIVERS LOGIC EEPROM I 2 C / INTERFACE LDO OSC TSD PWM DETECTOR SW FB VLDO GND_SW GND_LED EN PWM VDDIO SCLK SDA OUT1 OUT2 OUT3 OUT4 PLL FAULT VIN TEMP SENSOR MCU ISET FSET RISET RFSET GNDs VBATT LP8551 www.ti.com SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014 8 Detailed Description 8.1 Overview The LP8551 is a high-voltage LED driver for medium sized LCD backlight applications. It includes high-voltage boost converter. Boost voltage automatically sets to the correct level needed to drive the LED strings. This is done by monitoring LED output voltage drop in real time. Four constant current sinks with PWM control are used for driving LEDs. Constant current value is set with EEPROM bits and with RISET resistor. Brightness (PWM) is controlled either with I 2C register or with PWM input. PWM frequencies are set with EEPROM bits and with RFSET resistor. Special Phase-Shift PWM mode can be used to reduce boost output current peak, thus reducing output ripple, capacitor size, and audible noise. Safety features include LED fault detection with open and short detection. LED fault detection prevents system overheating in case of open in some of the LED strings. Chip internal temperature is constantly monitored and, based on this, the LP8551 can reduce the brightness of the backlight to reduce thermal loading once certain trip point is reached. Threshold is programmable in EEPROM. If chip internal temperature reaches too high, the boost converter and LED outputs are completely turned off until the internal temperature has reached acceptable level. Boost converter is protected against too high load current and over-voltage. The LP8551 notifies the system about the fault through I2C register and with FAULT pin. EEPROM programmable functions include: • PWM frequencies • Phase shift PWM mode • LED constant current • Boost output frequency • Temperature thresholds • Slope for brightness changes • PWM output resolution • Boost control bits External components RISET and RFSET can also be used for selecting the output current and PWM frequencies. 8.2 Functional Block Diagram Copyright © 2010–2014, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LP8551 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |