Electronic Components Datasheet Search
  English  ▼

X  

LP8553 Datasheet(PDF) 33 Page - Texas Instruments

Part # LP8553
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP8553_14 Datasheet HTML 29Page - Texas Instruments LP8553_14 Datasheet HTML 30Page - Texas Instruments LP8553_14 Datasheet HTML 31Page - Texas Instruments LP8553_14 Datasheet HTML 32Page - Texas Instruments LP8553_14 Datasheet HTML 33Page - Texas Instruments LP8553_14 Datasheet HTML 34Page - Texas Instruments LP8553_14 Datasheet HTML 35Page - Texas Instruments LP8553_14 Datasheet HTML 36Page - Texas Instruments LP8553_14 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
LP8553
www.ti.com
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
EEPROM ADDRESS 3 register
UVLO
7:6
R/W
00 = Disabled
01 = 2.7V
10 = 5.4V
11 = 8.1V
EN_PSPWM
5
R/W
Enable phase shift PWM scheme
0 = phase shift PWM disabled, normal PWM mode used
1 = phase shift PWM enabled
PWM_FREQ
4:0
R/W
PWM output frequency setting. See table in PWM Frequency Setting for full
description of selectable PWM frequencies.
EEPROM Address 4
Address A4h
EEPROM ADDRESS 4 register
7
6
5
4
3
2
1
0
PWM_RESOLUTION[1:0]
EN_I_RES
LED_FAULT_THR
I_SLOPE[0]
DRV_HEADR[2:0]
Name
Bit
Access
Description
PWM
7:6
R/W
PWM output resolution selection. Actual resolution depends also on the output
RESOLUTION
frequency. See PWM Frequency Setting for full description.
00 = 8...10 bits (19.2 kHz...4.8 kHz)
01 = 9...11 bits (19.2 kHz... 4.8 kHz)
10 = 10...12 bits (19.2 kHz...4.8 kHz)
11 = 11...13 bits (19.2 kHz...4.8 kHz)
EN_I_RES
5
R/W
Enable LED current set resistor
0 = Resistor is disabled and current is set only with CURRENT EEPROM register bits
1 = Enable LED current set resistor. LED current is defined by the RISET resistor and the
CURRENT EEPROM register bits.
LED_FAULT_T
4
R/W
LED fault detector thresholds. VSAT is the saturation voltage of the driver, typically 200
HR
mV.
0 = 3.3V
1 = 5.3V
I_SLOPE[0]
3
R/W
Current slope I_SLOPE[1:0] trim bits adjust the constant current level of PWM control
range in the PWM & current control mode. See I_SLOPE[1] bit description in EEPROM
Address 2 table.
DRV_HEADR
2:0
R/W
LED output driver headroom control. VSAT is the saturation voltage of the driver, typically
200 mV.
000 = VSAT + 125 mV
001 = VSAT + 250 mV
010 = VSAT + 375 mV
011 = VSAT + 500 mV
100 = VSAT + 625 mV
101 = VSAT + 750 mV
110 = VSAT + 875 mV
111 = VSAT + 1000 mV
EEPROM Address 5
Address A5h
EEPROM ADDRESS 5 register
7
6
5
4
3
2
1
0
EN_VSYNC
DITHER[1:0]
VBOOST[4:0]
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com