Electronic Components Datasheet Search
  English  ▼

X  

LP8727 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP8727
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP8727 Datasheet HTML 5Page - Texas Instruments LP8727 Datasheet HTML 6Page - Texas Instruments LP8727 Datasheet HTML 7Page - Texas Instruments LP8727 Datasheet HTML 8Page - Texas Instruments LP8727 Datasheet HTML 9Page - Texas Instruments LP8727 Datasheet HTML 10Page - Texas Instruments LP8727 Datasheet HTML 11Page - Texas Instruments LP8727 Datasheet HTML 12Page - Texas Instruments LP8727 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
LP8727
www.ti.com
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
LP8727 Control Registers
I
2C-Compatible Slave Address: 7'h27(6)
POR
ADDR
REGISTER
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
DEFAULT
0x00
DEVICE ID
0011xxxx
VENDOR ID
CHIP_REV
0x01
CONTROL1
x0000001
RESV'D
ID_2P2
ID_620
ID_200
VLDO
SEMREN
ADC_EN
CP_EN
USB_DET_
0x02
CONTROL2
0000xx01
INTPOL
INT_EN
MIC_LP
CP_AUD
RESV'D
RESV'D
CHG_TYP
DIS
SW
0x03
x0000000
RESV'D
MIC_ON
DP2
DM1
CONTROL
MR_
SEND/E
0x04
INT_STAT1
00000000
CHGDET
VBUS
IDNO
COMP
ND
0x05
INT_STAT2
00000000
CHG
TSHD
TMP
OVLO
UVLO
RESV'D
RESV'D
RESV'D
0x06
STATUS1
00000000
DCPORT
CHPORT
CHG_STAT
RESV'D
RESV'D
RESV'D
C1COMP
0x07
STATUS2
00000000
TMP_STAT
RESV'D
RESV'D
RESV'D
RESV'D
RESV'D
CHARGER
EXPDET
0x08
010010xx
CHG_EN
PTM
CHG_OFF
IPRECHG
RESV'D
RESV'D
CONTROL1
_EN
CHARGER
0x09
0010x001
CHG_SET
RESV'D
IMIN_SET
CONTROL2
(6)
(Bolded locations are Read-Only Bits.)
Resv'd = Reserved
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com