Electronic Components Datasheet Search
  English  ▼

X  

LPC661 Datasheet(PDF) 2 Page - Texas Instruments

Part # LPC661
Description  LPC661 Low Power CMOS Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPC661 Datasheet(HTML) 2 Page - Texas Instruments

  LPC661 Datasheet HTML 1Page - Texas Instruments LPC661 Datasheet HTML 2Page - Texas Instruments LPC661 Datasheet HTML 3Page - Texas Instruments LPC661 Datasheet HTML 4Page - Texas Instruments LPC661 Datasheet HTML 5Page - Texas Instruments LPC661 Datasheet HTML 6Page - Texas Instruments LPC661 Datasheet HTML 7Page - Texas Instruments LPC661 Datasheet HTML 8Page - Texas Instruments LPC661 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LPC661
Low Power CMOS Operational Amplifier
General Description
The LPC661 CMOS operational amplifier is ideal for opera-
tion from a single supply. It features a wide range of operat-
ing supply voltage from +5V to +15V, rail-to-rail output swing
and an input common-mode range that includes ground.
Performance limitations that have plagued CMOS amplifiers
in the past are not a problem with this design. Input V
OS,
drift, and broadband noise as well as voltage gain (into 100
k
Ω and 5 kΩ) are all equal to or better than widely accepted
bipolar equivalents, while the supply current requirement is
typically 55 µA.
This chip is built with National’s advanced Double-Poly
Silicon-Gate CMOS process.
See the LPC660 datasheet for a Quad CMOS operational
amplifier or the LPC662 data sheet for a Dual CMOS opera-
tional amplifier with these same features.
Features
(Typical unless otherwise noted)
n
Rail-to-rail output swing
n
Low supply current
55 µA
n
Specified for 100 k
Ω and5kΩ loads
n
High voltage gain
120 dB
n
Low input offset voltage
3 mV
n
Low offset voltage drift
1.3 µV/˚C
n
Ultra low input bias current
2 fA
n
Input common-mode range includes GND
n
Operating range from +5V to +15V
n
Low distortion
0.01% at 1 kHz
n
Slew rate
0.11 V/µs
Applications
n
High-impedance buffer
n
Precision current-to-voltage converter
n
Long-term integrator
n
High-impedance preamplifier
n
Active filter
n
Sample-and-Hold circuit
n
Peak detector
Application Circuits
10 Hz Bandpass Filter
DS011227-21
fO =10 Hz
Q = 2.1
Gain = 18.9 dB
1 Hz Low-Pass Filter
(Maximally Flat, Dual Supply Only)
DS011227-23
August 2000
© 2000 National Semiconductor Corporation
DS011227
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com