Electronic Components Datasheet Search
  English  ▼

X  

LPC660IMX Datasheet(PDF) 14 Page - Texas Instruments

Part # LPC660IMX
Description  LPC660 Low Power CMOS Quad Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPC660IMX Datasheet(HTML) 14 Page - Texas Instruments

Back Button LPC660IMX Datasheet HTML 10Page - Texas Instruments LPC660IMX Datasheet HTML 11Page - Texas Instruments LPC660IMX Datasheet HTML 12Page - Texas Instruments LPC660IMX Datasheet HTML 13Page - Texas Instruments LPC660IMX Datasheet HTML 14Page - Texas Instruments LPC660IMX Datasheet HTML 15Page - Texas Instruments LPC660IMX Datasheet HTML 16Page - Texas Instruments LPC660IMX Datasheet HTML 17Page - Texas Instruments LPC660IMX Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LPC660
SNOS554D – MAY 1998 – REVISED MARCH 2013
www.ti.com
Typical Single-Supply Applications — (V
+ = 5.0 V
DC)
Figure 35. Photodiode Current-to-Voltage Converter
Note: A 5V bias on the photodiode can cut its capacitance by a factor of 2 or 3, leading to improved response and
lower noise. However, this bias on the photodiode will cause photodiode leakage (also known as its dark current).
Figure 36. Micropower Current Source
Note: (Upper limit of output range dictated by input common-mode range; lower limit dictated by minimum current
requirement of LM385.)
Figure 37. Low-Leakage Sample-and-Hold
14
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LPC660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com