Electronic Components Datasheet Search
  English  ▼

X  

LPC662 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LPC662
Description  LPC662 Low Power CMOS Dual Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPC662 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LPC662 Datasheet HTML 7Page - Texas Instruments LPC662 Datasheet HTML 8Page - Texas Instruments LPC662 Datasheet HTML 9Page - Texas Instruments LPC662 Datasheet HTML 10Page - Texas Instruments LPC662 Datasheet HTML 11Page - Texas Instruments LPC662 Datasheet HTML 12Page - Texas Instruments LPC662 Datasheet HTML 13Page - Texas Instruments LPC662 Datasheet HTML 14Page - Texas Instruments LPC662 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Application Hints (Continued)
This would cause a 100 times degradation from the
LPC662’s actual performance. However, if a guard ring is
held within 5 mV of the inputs, then even a resistance of
10
11 ohms would cause only 0.05 pA of leakage current, or
perhaps a minor (2:1) degradation of the amplifier’s
performance. See
Figure 5a, Figure 5b, Figure 5c for typical
connections
of
guard
rings
for
standard
op-amp
configurations. If both inputs are active and at high
impedance, the guard can be tied to ground and still provide
some protection; see
Figure 5d.
The designer should be aware that when it is inappropriate
to lay out a PC board for the sake of just a few circuits, there
is another technique which is even better than a guard ring
on a PC board: Don’t insert the amplifier’s input pin into the
DS010548-19
FIGURE 4. Example of Guard Ring in P.C. Board Layout, using the LPC660
DS010548-20
(a) Inverting Amplifier
DS010548-22
(c) Follower
DS010548-21
(b) Non-Inverting Amplifier
DS010548-23
(d) Howland Current Pump
FIGURE 5. Guard Ring Connections
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com