Electronic Components Datasheet Search
  English  ▼

X  

LPC661IM Datasheet(PDF) 4 Page - Texas Instruments

Part # LPC661IM
Description  LPC661 Low Power CMOS Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPC661IM Datasheet(HTML) 4 Page - Texas Instruments

  LPC661IM Datasheet HTML 1Page - Texas Instruments LPC661IM Datasheet HTML 2Page - Texas Instruments LPC661IM Datasheet HTML 3Page - Texas Instruments LPC661IM Datasheet HTML 4Page - Texas Instruments LPC661IM Datasheet HTML 5Page - Texas Instruments LPC661IM Datasheet HTML 6Page - Texas Instruments LPC661IM Datasheet HTML 7Page - Texas Instruments LPC661IM Datasheet HTML 8Page - Texas Instruments LPC661IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DC Electrical Characteristics (Continued)
The following specifications apply for V
+ = 5V, V− = 0V, V
CM = 1.5V, VO = 2.5V, and RL = 1M unless otherwise noted. Bold-
face limits apply at the temperature extremes; all other limits T
J = 25˚C.
LPC661AM
LPC661AI
LPC661I
Units
(Limit)
Symbol
Parameter
Conditions
Typ
Limit
Limit
Limit
(Note 4)
(Note 4)
(Note 4)
V
O
Output Swing
V
+ = 5V
4.987
4.970
4.970
4.940
V
R
L = 100 kΩ to 2.5V
4.950
4.950
4.910
min
0.004
0.030
0.030
0.060
V
0.050
0.050
0.090
max
V
+ = 5V
4.940
4.850
4.850
4.750
V
R
L =5 kΩ to 2.5V
4.750
4.750
4.650
min
0.040
0.150
0.150
0.250
V
0.250
0.250
0.350
max
V
+ = 15V
14.970
14.920
14.920
14.880
V
R
L = 100 kΩ to 7.5V
14.880
14.880
14.820
min
0.007
0.030
0.030
0.060
V
0.050
0.050
0.090
max
V
+ = 15V
14.840
14.680
14.680
14.580
V
R
L =5 kΩ to 7.5V
14.600
14.600
14.480
min
0.110
0.220
0.220
0.320
V
0.300
0.300
0.400
max
I
O
Output Current
Sourcing, V
O = 0V
221616
13
mA
V
+ =5V
12
14
11
min
Sinking, V
O = 5V
211616
13
mA
12
14
11
min
I
O
Output Current
Sourcing, V
O = 0V
401928
23
mA
V
+ = 15V
19
25
20
min
Sinking, V
O = 13V
39
19
28
23
mA
(Note 9)
19
24
19
min
I
S
Supply Current
V
+ = 5V, V
O = 1.5V
55
60
60
70
µA
70
70
85
max
V
+ = 15V, V
O = 1.5V
58
75
75
90
µA
85
85
105
max
AC Electrical Characteristics
The following specifications apply for V
+ = 5V, V− = 0V, V
CM = 1.5V, VO = 2.5V, and RL = 1M unless otherwise noted. Bold-
face limits apply at the temperature extremes; all other limits T
J = 25˚C.
LPC661AM LPC661AI
LPC661I
Units
(Limit)
Symbol
Parameter
Conditions
Typ
Limit
Limit
Limit
(Note 4)
(Note 4)
(Note 4)
SR
Slew Rate
(Note 6)
0.11
0.07
0.07
0.05
V/µs
0.04
0.05
0.03
min
GBW
Gain-Bandwidth Product
350
kHz
φm
Phase Margin
50
Deg
G
M
Gain Margin
17
dB
e
n
Input Referred Voltage Noise
F = 1 kHz
42
nV/
√Hz
i
n
Input Referred Current Noise
F = 1 kHz
0.0002
pA/
√Hz
T.H.D.
Total Harmonic Distortion
F = 1 kHz, A
V = −10
0.01
R
L = 100 kΩ,VO =8 VPP
%
V
+ = 15V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com