Electronic Components Datasheet Search
  English  ▼

X  

TLK1201AI Datasheet(PDF) 1 Page - Texas Instruments

Part # TLK1201AI
Description  Single Monolithic PLL Design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK1201AI Datasheet(HTML) 1 Page - Texas Instruments

  TLK1201AI Datasheet HTML 1Page - Texas Instruments TLK1201AI Datasheet HTML 2Page - Texas Instruments TLK1201AI Datasheet HTML 3Page - Texas Instruments TLK1201AI Datasheet HTML 4Page - Texas Instruments TLK1201AI Datasheet HTML 5Page - Texas Instruments TLK1201AI Datasheet HTML 6Page - Texas Instruments TLK1201AI Datasheet HTML 7Page - Texas Instruments TLK1201AI Datasheet HTML 8Page - Texas Instruments TLK1201AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
FEATURES
17 18 19
JTDI
SYNC/PASS
GND
RD0
RD1
RD2
VDD
RD3
RD4
RD5
RD6
VDD
RD7
RD8
RD9
GND
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GND
TD0
TD1
TD2
VDD
TD3
TD4
TD5
TD6
VDD
TD7
TD8
TD9
GND
MODESEL
PRBSEN
21 22 23 24
63 62 61 60 59
64
58
56 55 54
57
25 26 27 28 29
53 52 51 50 49
30 31 32
DESCRIPTION
TLK1201ARCP, TLK1201AIRCP
ETHERNET TRANSCEIVERS
SLLS580D – FEBRUARY 2004 – REVISED SEPTEMBER 2007
www.ti.com
• Advanced 0.25-μm CMOS Technology
2
• 0.6-Gbps to 1.3-Gbps Serializer/Deserializer
• No External Filter Capacitors Required
• Low Power Consumption <200 mW at 1.25
• Comprehensive Suite of Built-In Testability
Gbps
• IEEE 1149.1 JTAG Support
• LVPECL Compatible Differential I/O on High
• 2.5-V Supply Voltage for Lowest Power
Speed Interface
Operation
• Single Monolithic PLL Design
• 3.3-V Tolerant on LVTTL Inputs
• Support For 10-Bit Interface or Reduced
• Hot Plug Protection
Interface 5-Bit DDR (Double Data Rate)
• 64-Pin VQFP With Thermally Enhanced
Clocking
Package (PowerPAD™)
• Receiver Differential Input Thresholds 200 mV
• CPRI Data Rate Compatible (614 Mbps, 1.22
Minimum
Gbps)
• IEEE 802.3 Gigabit Ethernet Compliant
• Industrial Temperature Range Supported:
• ANSI X3.230-1994 (FC-PH) Fibre Channel
–40
°C to 85°C
Compliant
The TLK1201A/TLK1201AI gigabit ethernet transceiver provides for ultrahigh-speed, full-duplex, point-to-point
data transmissions. This device is based on the timing requirements of the 10-bit interface specification by the
IEEE 802.3 gigabit ethernet specification and is also compliant with the ANSI X3.230-1994 (FC-PH) fibre channel
standard. The device supports data rates from 0.6 Gbps to 1.3 Gbps.
The primary application of the transceiver is to provide building blocks for point-to-point baseband data
transmission over controlled impedance media of 50
Ω or 75 Ω. The transmission media can be printed-circuit
board traces, copper cables, or fiber-optical media. The ultimate rate and distance of data transfer is dependent
upon the attenuation characteristics of the media and the noise coupling to the environment.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLK1201AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1201AIRCP TI-TLK1201AIRCP Datasheet
272Kb / 21P
ETHERNET TRANSCEIVERS
TLK1201AIRCP TI1-TLK1201AIRCP Datasheet
790Kb / 23P
ETHERNET TRANSCEIVERS
TLK1201AIRCPG4 TI1-TLK1201AIRCPG4 Datasheet
790Kb / 23P
ETHERNET TRANSCEIVERS
TLK1201AIRCPR TI-TLK1201AIRCPR Datasheet
272Kb / 21P
ETHERNET TRANSCEIVERS
TLK1201AIRCPR TI1-TLK1201AIRCPR Datasheet
790Kb / 23P
ETHERNET TRANSCEIVERS
More results

Similar Description - TLK1201AI

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
JET-635-05 ROITHNER-JET-635-05 Datasheet
517Kb / 2P
single chip design
JET-635-10 ROITHNER-JET-635-10 Datasheet
519Kb / 2P
single chip design
JET-660-05 ROITHNER-JET-660-05 Datasheet
520Kb / 2P
single chip design
JET-660-12 ROITHNER-JET-660-12 Datasheet
652Kb / 2P
single chip design
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
single chip design
JET-800-10 ROITHNER-JET-800-10 Datasheet
515Kb / 2P
single chip design
JET-870-05 ROITHNER-JET-870-05 Datasheet
516Kb / 2P
single chip design
JET-870-10 ROITHNER-JET-870-10 Datasheet
515Kb / 2P
single chip design
JET-730-05 ROITHNER-JET-730-05 Datasheet
528Kb / 2P
Single Chip Design
JET-730-10 ROITHNER-JET-730-10 Datasheet
532Kb / 2P
Single Chip Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com