Electronic Components Datasheet Search
  English  ▼

X  

LM4731 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4731
Description  Stereo 25W Audio Power Amplifier with Mute and Standby Modes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4731 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4731 Datasheet HTML 8Page - National Semiconductor (TI) LM4731 Datasheet HTML 9Page - National Semiconductor (TI) LM4731 Datasheet HTML 10Page - National Semiconductor (TI) LM4731 Datasheet HTML 11Page - National Semiconductor (TI) LM4731 Datasheet HTML 12Page - National Semiconductor (TI) LM4731 Datasheet HTML 13Page - National Semiconductor (TI) LM4731 Datasheet HTML 14Page - National Semiconductor (TI) LM4731 Datasheet HTML 15Page - National Semiconductor (TI) LM4731 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Application Information (Continued)
BILL OF MATERIALS FOR REFERENCE PCB
Symbol
Value
Tolerance
Type/Description
Comments
R
IN1,RIN2
47k
Ω
5%
1/4 Watt
R
B1,RB2
1k
Ω
1%
1/4 Watt
R
F1,RF2
20k
Ω
1%
1/4 Watt
R
i1,Ri2
1k
Ω
1%
1/4 Watt
R
SN1,RSN2
4.7
Ω
5%
1/4 Watt
R
G
2.7
Ω
5%
1/4 Watt
C
IN1,CIN2
1µF
10%
Metallized Polyester Film
C
i1,Ci2
47µF
20%
Electrolytic Radial / 35V
C
SN1,CSN2
0.1µF
20%
Monolithic Ceramic
C
V
0.1µF
20%
Monolithic Ceramic
C
M
10µF
20%
Electrolytic Radial / 16V
C
S1,CS2
0.1µF
20%
Monolithic Ceramic
C
S3,CS4
10µF
20%
Electrolytic Radial / 35V
C
S5,CS6
1,000µF
20%
Electrolytic Radial / 35V
S
1,S2
SPDT (on-on) Switch
J
1,J2
Non-switched PC Mount RCA Jack
J
4,J7,J8
PCB Banana Jack- BLACK
J
3,J5,J6,J9
PCB Banana Jack- RED
U
1
15 lead TO-220 Power Socket
U
2
LM340, 5V Fixed Regulator, TO-263
package (TS3B)
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com