Electronic Components Datasheet Search
  English  ▼

X  

LM4905LD Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4905LD
Description  1 Watt Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4905LD Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4905LD Datasheet HTML 9Page - National Semiconductor (TI) LM4905LD Datasheet HTML 10Page - National Semiconductor (TI) LM4905LD Datasheet HTML 11Page - National Semiconductor (TI) LM4905LD Datasheet HTML 12Page - National Semiconductor (TI) LM4905LD Datasheet HTML 13Page - National Semiconductor (TI) LM4905LD Datasheet HTML 14Page - National Semiconductor (TI) LM4905LD Datasheet HTML 15Page - National Semiconductor (TI) LM4905LD Datasheet HTML 16Page - National Semiconductor (TI) LM4905LD Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Information (Continued)
LM4905 MSOP BOARD ARTWORK
Composite View
Silk Screen
200508E3
200508E4
Top Layer
Bottom Layer
200508E5
200508E2
MONO LM4905 REFERENCE DESIGN BOARDS
BILL OF MATERIAL
Part Description
Quantity
Reference Designator
LM4905 Audio AMP
1
U1
Tantalum Capcitor, 1µF
2
C1, C3
Ceramic Capacitor, 0.39µF
1
C2
Resistor, 20k
Ω, 1/10W
2
R2, R3
Resistor, 100k
Ω, 1/10W
1
R1
Jumper Header Vertical Mount 2X1 0.100“ spacing
1
J1
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com