Electronic Components Datasheet Search
  English  ▼

X  

LM5007SD Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5007SD
Description  High Voltage (80V) Step Down Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5007SD Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM5007SD Datasheet HTML 4Page - National Semiconductor (TI) LM5007SD Datasheet HTML 5Page - National Semiconductor (TI) LM5007SD Datasheet HTML 6Page - National Semiconductor (TI) LM5007SD Datasheet HTML 7Page - National Semiconductor (TI) LM5007SD Datasheet HTML 8Page - National Semiconductor (TI) LM5007SD Datasheet HTML 9Page - National Semiconductor (TI) LM5007SD Datasheet HTML 10Page - National Semiconductor (TI) LM5007SD Datasheet HTML 11Page - National Semiconductor (TI) LM5007SD Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Operational Waveforms
20078308
LM5007 Operation: V
OUT = 10V, VIN = 20V, IOUT = 250mA
CH1: Switch Node, CH2: V
OUT (AC), CH4: Inductor Current
FIGURE 4.
Operational Waveforms
20078309
LM5007 Operation: V
OUT = 10V, VIN = 75V, IOUT = 250mA
CH1: Switch Node, CH2: V
OUT (AC), CH4: Inductor Current
FIGURE 5.
LM5007 10V Output Efficiency
20078310
FIGURE 6.
Current Limit V
FB vs TOFF
R
CL = 50k -600k
20078311
FIGURE 7.
V
IN vs TON
R
ON = 100k, 200k, 300k
20078312
FIGURE 8.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com