Electronic Components Datasheet Search
  English  ▼

X  

BYV36B Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # BYV36B
Description  FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYV36B Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BYV36B Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYV36B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.6
TJ =25
Pulse W idth=300
µS
0.01
0.02
0.06
0.1
0.2
0.4
2
1.0
4
100
10
BYV36D
BYV36E
0.8
1.0
1.2
1.4
2.0
1.6
1.8
BYV36A
~
BYV36C
5
1
100
20
10
15
10
25
30
TJ=125
8.3ms Single Half
Sine-Wave
0.25
0.50
0.75
1.00
1.25
25
50
125
175
0
75
150
100
1.50
0
1.75
Single Phase
Half W ave 60Hz
Resistive or
Inductive Load
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(- )
(+ )
-1.0A
-0.25A
0
+0.5A
trr
1cm
FIG.3 --PEAK FORWARD SURGE CURRENT
SETTIMEBASEFOR50/100 ns /cm
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60 Hz
.22pF
FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.2 --FORWARD DERATING CURVE
FIG.4--TYPICAL FORWARD CHARACTERISTIC
FIG.4--TYPICAL JUNCTION CAPACITANCE
.1
.2
.4
1.0
2
4
10
20
40
100
1
2
4
10
20
40
60
100
TJ=25
f=1MHz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
2 of 2
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com