Electronic Components Datasheet Search
  English  ▼

X  

BYV95B Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BYV95B
Description  FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYV95B Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BYV95B Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYV95B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Unit
CURRENT: 1.5 A
VOLTAGE RANGE: 200 - 1000V
FAST RECOVERY RECTIFIER DIODES
BYV95A - BYV96E
Case : DO-15 Molded plastic
BYV95A BYV95B BYV95C BYV96D BYV96E
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
Volts
Min. Avalanche Breakdown Voltage @ 100
µA
VBR(min.)
300
500
700
900
1100
Volts
Maximum Average Forward Rectified Current
Lead Length 10 mm. ; Ttp = 65
°C
IF(AV)
1.5
Amps.
Peak Forward Surge Current single half sine wave
superimposed on rated load
IFSM
35
Amps.
Maximum Forward Voltage at IF = 3.0 Amps.
VF
1.6
Volts
Maximum DC Reverse Current
TJ = 25
°C
5.0
at Rated DC Blocking Voltage
TJ = 165
°C
150
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
200
ns
Typical Thermal Resistance (Note 2)
R
θJA
50
°C/W
Junction Temperature Range
TJ
175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
(1) Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A
(2) Thermal resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted.
IR
µA
Features
Mechanical Data
High current capability
High surge current capability
High reliability
Low reverse current
Low forward voltage drop
Fast switching for high efficiency
Weight : 0.465 gram
Mounting position : Any
Polarity : Color band denotes cathode end
Lead : Axial lead solderable per MIL-STD-202,
Epoxy : UL94V-O rate flame retardant
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
!
!
!
!
!
!
!
!
!
!
!
!
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
—
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm
1 of 2
www.sunmate.tw
Method 208 guaranteed


Similar Part No. - BYV95B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV95B PHILIPS-BYV95B Datasheet
54Kb / 8P
Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
EIC discrete Semiconduc...
BYV95B EIC-BYV95B Datasheet
19Kb / 2P
AVALANCHE FAST RECOVERY RECTIFIER DIODES
logo
General Semiconductor
BYV95B GE-BYV95B Datasheet
52Kb / 2P
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV95B BILIN-BYV95B Datasheet
66Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
BYV95B SYNSEMI-BYV95B Datasheet
33Kb / 2P
AVALANCHE FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - BYV95B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR251G SUNMATE-FR251G Datasheet
310Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR801 SUNMATE-FR801 Datasheet
233Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
RU1 SUNMATE-RU1 Datasheet
261Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
AU01Z SUNMATE-AU01Z Datasheet
259Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ES1Z SUNMATE-ES1Z Datasheet
307Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com