Electronic Components Datasheet Search
  English  ▼

X  

MBRM120E Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRM120E
Description  Surface Mount Schottky Power Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRM120E Datasheet(HTML) 2 Page - ON Semiconductor

  MBRM120E Datasheet HTML 1Page - ON Semiconductor MBRM120E Datasheet HTML 2Page - ON Semiconductor MBRM120E Datasheet HTML 3Page - ON Semiconductor MBRM120E Datasheet HTML 4Page - ON Semiconductor MBRM120E Datasheet HTML 5Page - ON Semiconductor MBRM120E Datasheet HTML 6Page - ON Semiconductor MBRM120E Datasheet HTML 7Page - ON Semiconductor MBRM120E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MBRM120E
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
V
Average Rectified Forward Current (At Rated VR, TC = 130°C)
IO
1.0
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave, 20 kHz, TC = 135°C)
IFRM
2.0
A
Non–Repetitive Peak Surge Current
(Non–Repetitive peak surge current, halfwave, single phase, 60 Hz)
IFSM
50
A
Storage Temperature
Tstg
–65 to 150
°C
Operating Junction Temperature
TJ
–65 to 150
°C
Voltage Rate of Change (Rated VR, TJ = 25°C)
dv/dt
10,000
V/
ms
THERMAL CHARACTERISTICS
Thermal Resistance – Junction–to–Lead (Anode) (Note 1)
Thermal Resistance – Junction–to–Tab (Cathode) (Note 1)
Thermal Resistance – Junction–to–Ambient (Note 1)
Rtjl
Rtjtab
Rtja
35
23
277
°C/W
1. Mounted with minimum recommended pad size, PC Board FR4, See Figures 9 and 10.
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 2), See Figure 2
VF
TJ = 25°C
TJ = 100°C
V
(IF = 0.1 A)
(IF = 1.0 A)
(IF = 2.0 A)
0.455
0.530
0.595
0.360
0.455
0.540
Maximum Instantaneous Reverse Current (Note 2), See Figure 4
IR
TJ = 25°C
TJ = 100°C
mA
(VR = 20 V)
(VR = 10 V)
(VR = 5.0 V)
10
1.0
0.5
1600
500
300
2. Pulse Test: Pulse Width
≤ 250 µs, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com