Electronic Components Datasheet Search
  English  ▼

X  

MRF630 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF630
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF630 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF630 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 50 mA
16
V
BVCES
IC = 50 mA
36
V
BVEBO
IE = 1.0 mA
4.0
V
ICES
VCE = 12.5 V
1.0
mA
hFE
VCE = 5.0 V
IC = 100 mA
20
---
COB
VCB = 12.5 V
f = 1.0 MHz
8.0
12
pF
PG
ηηηη
C
VCC = 12.5 V
POUT = 3.0 W
f = 470 MHz
9.5
10.8
55
dB
%
NPN SILICON RF POWER TRANSISTOR
MRF630
DESCRIPTION:
The
ASI MRF630 is Designed for
UHF large signal, FM Land Mobile
Applications up to 512 MHz.
FEATURES:
• Grounded Emitter
• P
G = 9.5 dB at 3.0 W/470 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
1.0 A
VCEO
16 V
VCES
36 V
VEBO
4.0 V
PDISS
8.75 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +200 °C
θθθθ
JC
20 °C/W
PACKAGE STYLE TO 205AD
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
9.02
9.29
0.355 0.366
B
8.01
8.50
0.315 0.335
C
4.20
4.57
0.165 0.180
D
0.44
0.53
0.017 0.021
E
0.44
0.88
0.017 0.035
F
0.41
0.48
0.016 0.019
G
5.08 BSC
0.200 BSC
H
0.72
0.86
0.028 0.034
J
0.74
0.01
0.029 0.040
K
12.70 19.05 0.500 0.750
L
6.35
--
0.25
--
M
45° BSC
45 °BSC
P
--
1.27
--
0.050
R
2.54
--
0.10
--
1 = COLLECTOR
2 = BASE
3 = EMITTER


Similar Part No. - MRF630

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MRF630 BEL-MRF630 Datasheet
102Kb / 2P
Fast Acting Radial Lead Micro Fuse Series
MRF630 BEL-MRF630 Datasheet
1Mb / 4P
TYPE MRF FAST ACTING RADIAL LEAD MICRO FUSE SERIES
More results

Similar Description - MRF630

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com