Electronic Components Datasheet Search
  English  ▼

X  

TLV62080 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62080
Description  1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62080 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV62080 Datasheet HTML 9Page - Texas Instruments TLV62080 Datasheet HTML 10Page - Texas Instruments TLV62080 Datasheet HTML 11Page - Texas Instruments TLV62080 Datasheet HTML 12Page - Texas Instruments TLV62080 Datasheet HTML 13Page - Texas Instruments TLV62080 Datasheet HTML 14Page - Texas Instruments TLV62080 Datasheet HTML 15Page - Texas Instruments TLV62080 Datasheet HTML 16Page - Texas Instruments TLV62080 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
÷
ø
ö
ç
è
æ
+
´
=
÷
ø
ö
ç
è
æ
+
´
=
2
R
1
R
1
V
45
.
0
2
R
1
R
1
V
V
FB
OUT
TLV62084
1 µH
10 µF
2.7 V to 5.5 V
R
1
R
2
V
IN
POWER GOOD
SW
VOS
VIN
EN
GND
GND
PG
FB
22 µF
180 k
V
OUT
TLV62080, TLV62084
www.ti.com
SLVSAK9F – OCTOBER 2011 – REVISED JANUARY 2015
TI recommends choosing the saturation current for the inductor 20% to approximately 30% higher than the IL,MAX,
out of Equation 2. A higher inductor value is also useful to lower ripple current, but increases the transient
response time as well. The following inductors are recommended to be used in designs (see Table 5).
Table 5. List of Recommended Inductors
INDUCTANCE
CURRENT RATING
DIMENSIONS
DC RESISTANCE
TYPE
MANUFACTURER
[µH]
[mA]
L x W x H [mm3]
[m
Ω typ]
1
2500
3 × 3 × 1.2
35
XFL3012-102ME
Coilcraft
1
1650
3 × 3 × 1.2
40
LQH3NPN1R0NJ0
Murata
2.2
2500
4 × 3.7 × 1.65
49
LQH44PN2R2MP0
Murata
2.2
1600
3 × 3 × 1.2
81
XFL3012-222ME
Coilcraft
10.2.2.3 Capacitor Selection
The input capacitor is the low impedance energy source for the converter which helps to provide stable
operation. A low ESR multilayer ceramic capacitor is recommended for best filtering and must be placed between
VIN and GND as close as possible to those terminals. For most applications 10
μF is sufficient, a larger value
reduces input current ripple.
The architecture of the TLV6208x device allows use of tiny ceramic-type output capacitors with low equivalent-
series resistance (ESR). These capacitors provide low output voltage ripple and are recommended. To keep the
resistance up to high frequencies and to get narrow capacitance variation with temperature, TI recommends use
of the X7R or X5R dielectric. The TLV62080 and TLV62084 devices are designed to operate with an output
capacitance of 10 to 100 µF, as listed in Table 4.
Table 6. List of Recommended Capacitors
CAPACITANCE
DIMENSIONS
TYPE
MANUFACTURER
[µF]
L x W x H [mm3]
10
GRM188R60J106M
0603: 1.6 × 0.8 × 0.8
Murata
22
GRM188R60G226M
0603: 1.6 × 0.8 × 0.8
Murata
22
GRM21BR60J226M
0805: 2 × 1.2 × 1.25
Murata
10.2.2.4 Setting the Output Voltage
By selecting R1 and R2, the output voltage is programmed to the desired value. Use Equation 3 to calculate R1
and R2.
Figure 10. Typical Application Circuit
(3)
For best accuracy, R2 must be kept smaller than 40 kΩ to ensure that the current flowing through R2 is at least
100-times larger than IFB. Changing the sum towards a lower value increases the robustness against noise
injection. Changing the sum towards higher values reduces the quiescent current.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TLV62080 TLV62084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com