Electronic Components Datasheet Search
  English  ▼

X  

S3LP606LC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # S3LP606LC
Description  Surface Mount LC Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

S3LP606LC Datasheet(HTML) 2 Page - Coilcraft lnc.

  S3LP606LC Datasheet HTML 1Page - Coilcraft lnc. S3LP606LC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount LC Filters
Document 124-2
Frequency Response—Low Pass Filters*
Frequency Response—High Pass Filters*
*Measured on Agilent/HP 8753D network analyzer
1
10
100
Frequency (MHz)
20
0
40
60
80
S3HP-606
S3HP-306
S3HP-156
10
100
1000
Frequency (MHz)
10
0
20
30
40
S3HP-807
S3HP-507
S3HP-307
S3HP-157
10
100
1000
Frequency (MHz)
20
0
40
60
80
S3LP-156
S3LP-306
S3LP-606
100
1000
10000
Frequency (MHz)
10
0
20
30
40
S3LP-157
S3LP-307
S3LP-507
S3LP-807
100
1000
10000
Frequency (MHz)
10
20
30
40
0
S3LP-907
S3LP-707
S3LP-128
100
1000
10000
Frequency (MHz)
10
0
20
30
40
S3LP-188
S3LP-158
S3LP-218
Document 124-2 Revised 01/16/14
IN
OUT
IN
OUT
L1
L2
L1
C1
C2
C1
Low pass filter
High pass filter
P3
P3
P2
P2
P1
P1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com