Electronic Components Datasheet Search
  English  ▼

X  

S3LP157LC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # S3LP157LC
Description  Surface Mount LC Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

S3LP157LC Datasheet(HTML) 1 Page - Coilcraft lnc.

  S3LP157LC Datasheet HTML 1Page - Coilcraft lnc. S3LP157LC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount LC Filters
Document 124-1
Document 124-1 Revised 01/16/14
These space saving low and high pass filters are pre-
tuned, tight tolerance modules that serve a wide variety
of filtering requirements.
• 3rd order Butterworth alignment
• 50 Ohm characteristic impedance; less than 0.3 dB insertion loss
Low Pass Filters
Part
number1
-3 dB Cutoff
Irms (mA)2
S3LP156L_
15 MHz
200
S3LP306L_
30 MHz
300
S3LP606L_
60 MHz
300
S3LP157L_
150 MHz
400
S3LP307L_
300 MHz
400
S3LP507L_
500 MHz
500
S3LP707L_
700 MHz
500
S3LP807L_
800 MHz
500
S3LP907L_
900 MHz
500
S3LP108L_
1.0 GHz
500
S3LP128L_
1.2 GHz
500
S3LP158L_
1.5 GHz
500
S3LP188L_
1.8 GHz
500
S3LP218L_
2.1 GHz
500
Visit RF Inductors – Color Coding for color coding explanation.
0.205
5,21
0.160
4,06
0.180
4,57
0.020
0,51
0.125
3,18
0.070
1,78
0.120
3,05
max
max
Part marking
2nd digit
(over P1) Multiplier (×10)
(over P2)
1st digit
(over P3)
0.085
2,16
max
0.040
1,02
Recommended
Land Pattern
0.055
1,40
0.050
1,27
0.040
1,02
0.045
1,14
P1
P2
P3
1. When ordering, please specify
packaging code:
S3HP156LC
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape
(600 parts per full reel).
B = Less than full reel. In tape, but not machine ready. To have
a leader and trailer added ($25 charge), use code letter C
instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape
(2200 parts per full reel).
2. Current that causes a 15°C rise from 25°C ambient.
3. Operating temperature range -40°C to +85°C.
4. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering
High Pass Filters
Part
number1
-3 dB Cutoff
Irms (mA)2
S3HP156L_
15 MHz
300
S3HP306L_
30 MHz
300
S3HP606L_
60 MHz
300
S3HP157L_
150 MHz
300
S3HP307L_
300 MHz
300
S3HP507L_
500 MHz
500
S3HP807L_
800 MHz
500
Designer’s Kit D302 contains 3 of each value
Terminations RoHS compliant silver over copper or gold over nickel
over silver
Weight 64.7 – 69.0 mg
Ambient temperature –40°C to +85°C
Storage temperature Component: –40°C to +85°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
12 per billion hours / 83,333,333 hours, calculated per Telcordia SR-332
Packaging 600/7
″ reel; 2200/13″ reel Paper tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 2.3 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.


Similar Part No. - S3LP157LC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
S3LP157L COILCRAFT-S3LP157L Datasheet
423Kb / 2P
Surface Mount LC Filters
More results

Similar Description - S3LP157LC

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECF45 ECM-ECF45 Datasheet
89Kb / 1P
Surface Mount Crystal Filters
logo
SAMWHA ELECTRIC
CAL2010 SAMWHA-CAL2010 Datasheet
116Kb / 1P
LC FILTERS
CFL1608 SAMWHA-CFL1608 Datasheet
119Kb / 1P
LC FILTERS
logo
Coilcraft lnc.
S3LP156L COILCRAFT-S3LP156L Datasheet
423Kb / 2P
Surface Mount LC Filters
logo
API Technologies Corp
SF0805C221SBNCT APITECH-SF0805C221SBNCT Datasheet
364Kb / 6P
Surface Mount EMI Filters
PSM1-101M-02B APITECH-PSM1-101M-02B Datasheet
2Mb / 21P
Surface Mount EMI Filters
PSM1-402Z-10T0 APITECH-PSM1-402Z-10T0 Datasheet
2Mb / 21P
Surface Mount EMI Filters
logo
Murata Manufacturing Co...
LFB155G37CB1C032 MURATA-LFB155G37CB1C032_17 Datasheet
212Kb / 3P
LC Filters(BPF)
LFL18829MTCRD627 MURATA-LFL18829MTCRD627 Datasheet
167Kb / 2P
LC Filters(LPF)
logo
Murata Manufacturing Co...
LFB212G45CG7D227 MURATA1-LFB212G45CG7D227 Datasheet
161Kb / 2P
LC Filters(BPF)
11/16/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com