Electronic Components Datasheet Search
  English  ▼

X  

NTP60N06 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTP60N06
Description  60 V, 60 A, N-Channel TO-220 and D2PAK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP60N06 Datasheet(HTML) 2 Page - ON Semiconductor

  NTP60N06 Datasheet HTML 1Page - ON Semiconductor NTP60N06 Datasheet HTML 2Page - ON Semiconductor NTP60N06 Datasheet HTML 3Page - ON Semiconductor NTP60N06 Datasheet HTML 4Page - ON Semiconductor NTP60N06 Datasheet HTML 5Page - ON Semiconductor NTP60N06 Datasheet HTML 6Page - ON Semiconductor NTP60N06 Datasheet HTML 7Page - ON Semiconductor NTP60N06 Datasheet HTML 8Page - ON Semiconductor NTP60N06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NTP60N06, NTB60N06
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Note 2)
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
−
72.3
69.8
−
−
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
−
−
−
−
1.0
10
mAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
−
−
±100
nAdc
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage (Note 2)
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
−
2.85
8.0
4.0
−
Vdc
mV/
°C
Static Drain−to−Source On−Resistance (Note 2)
(VGS = 10 Vdc, ID = 30 Adc)
RDS(on)
−
11.5
14
m
W
Static Drain−to−Source On−Voltage (Note 2)
(VGS = 10 Vdc, ID = 60 Adc)
(VGS = 10 Vdc, ID = 30 Adc, TJ = 150°C)
VDS(on)
−
−
0.715
1.43
1.01
−
Vdc
Forward Transconductance (Note 2) (VDS = 8.0 Vdc, ID = 12 Adc)
gFS
−
35
−
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vd
V
0Vd
Ciss
−
2300
3220
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
−
660
925
Transfer Capacitance
f = 1.0 MHz)
Crss
−
144
300
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(on)
−
25.5
50
ns
Rise Time
(VDD = 30 Vdc, ID = 60 Adc,
tr
−
180.7
360
Turn−Off Delay Time
(VDD 30 Vdc, ID
60 Adc,
VGS = 10 Vdc, RG = 9.1 W) (Note 2)
td(off)
−
94.5
200
Fall Time
tf
−
142.5
300
Gate Charge
(V
48 Vd
I
60 Ad
QT
−
62
81
nC
(VDS = 48 Vdc, ID = 60 Adc,
VGS = 10 Vdc) (Note 2)
Q1
−
10.8
−
VGS = 10 Vdc) (Note 2)
Q2
−
29.4
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 60 Adc, VGS = 0 Vdc) (Note 2)
(IS = 45 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
−
−
0.99
0.87
1.05
−
Vdc
Reverse Recovery Time
(I
60 Ad
V
0Vd
trr
−
64.9
−
ns
(IS = 60 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms) (Note 2)
ta
−
44.1
−
dIS/dt = 100 A/ms) (Note 2)
tb
−
20.8
−
Reverse Recovery Stored Charge
QRR
−
0.146
−
mC
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com