Electronic Components Datasheet Search
  English  ▼

X  

B220 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # B220
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

B220 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  B220 Datasheet HTML 1Page - Diode Semiconductor Korea B220 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 . 5± 0.1 5
1.25± 0.2
0.2± 0.05
5 . 3± 0.2
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
B240
B250
B260
Maximum recurrent peak reverse voltage
V
RRM
40
50
60
V
Maximum RMS voltage
VRWS
28
35
42
V
Maximum DC blocking voltage
VDC
40
50
60
V
Maximum average forw ord rectified current at
c T
L(SEE FIG.1) (NOTE 2)
I(AV)
A
Peak forw ard surge current 8.3ms single half-
c sine-w ave superimposed on rated load(JEDEC
c Method)
IFSM
A
Maximum instantaneous forw ard voltage at
v 2.0A(NOTE.1)
VF
V
Maximum DC reverse current @T
A=25
oC
at rated DC blockjing voltage(NOTE1) @T
A=100
oC
Operating junction and storagetemperature range
TSTG
oC
Storage temperature range
TJ
oC
0.5
I
R
NOTE: 1.Pulse test:300μS pulse width,1%duty cy cle
B220 --- B260
2. P.C.B.mounted with 0.55"X0.55"(14.0X14.0mm2)copper pad areas
REVERSE VOLTAGE: 20 --- 60 V
CURRENT: 2.0 A
◇ Built-in strain relief
◇ Case:JEDEC DO-214AA,molded plastic over
1111passivated chip
◇ Low power loss,high effciency
◇ Plastic package has Underwriters Laborator
111 Flammability Classification 94V-0
Typical thermal resitance (NOTE2)
oC/W
B230
◇ High temperature soldering guaranteed:250
oC/10 1
11 seconds at terminals
B220
◇ Polarity: Color band denotes cathode end
◇ Weight: 0.003 ounces, 0.093 gram
mA
UNITS
20
DO - 214AA(SMB)
◇ Low profile package
◇ For surface mounted applications
30
14
21
20
◇ Terminals:Solder Plated, solderable per MIL-STD-750,
1111Method 2026
◇ High current capability,low forward voltage drop
30
50.0
2.0
◇ For use in low voltage high frequency inverters,free
111 wheeling and polarity protection applications
◇ Guardring for overvoltage protection
-55--- +150
-55--- +150
-55--- +150
0.5
0.7
20
◇ Metal silicon junction, majority carrier conduction
◇ High surge capability
Dimensions in millimeters
BARRIER RECTIFIERS
SURFACE MOUNT SCHOTTKY
15.0
R
θJL
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - B220

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B220 DIODES-B220 Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
logo
Fuji Electric
B220 FUJI-B220 Datasheet
668Kb / 1P
2 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B220 WEITRON-B220 Datasheet
168Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B220 DIODES-B220 Datasheet
356Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
S13004 Rev. 13 - 2
logo
Monolithic Power System...
B220 MPS-B220 Datasheet
253Kb / 10P
2A, 380 KHz Step-Down Converter
More results

Similar Description - B220

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com