Electronic Components Datasheet Search
  English  ▼

X  

B0520LWS Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # B0520LWS
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

B0520LWS Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  B0520LWS Datasheet HTML 1Page - Diode Semiconductor Korea B0520LWS Datasheet HTML 2Page - Diode Semiconductor Korea B0520LWS Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Schottky Barrier Diode
B0520LWS/B0530WS/B0540WS
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
B0520LW
B0530W
B0540W
Unit
Test Conditions
Minimum Reverse
Breakdown Voltage
V(BR)R
20
-
-
-
30
-
-
-
40
V
IR= 250μA
IR= 130μA
IR= 20μA
Maximum Forward Voltage
Drop
VFM
0.300
0.385
-
0.375
0.430
-
-
0.510
0.620
V
IF = 0.1A,
IF = 0.5A,
IF = 1.0A,
Maximum Leakage Current
IRM
75
-
250
-
-
-
20
-
130
-
-
-
10
-
20
μA
VR = 10V,
VR = 15V,
VR = 20V,
VR = 30V,
VR = 40V,
Reverse Recovery Time
trr
4
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
Junction Capacitance
CJ
170
pF
f = 1MHz, VR = 0V DC
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com