Electronic Components Datasheet Search
  English  ▼

X  

B560C Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # B560C
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

B560C Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  B560C Datasheet HTML 1Page - Diode Semiconductor Korea B560C Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6.9± 0.25
1.
3± 0. 25
7.8± 0. 2
0.25± 0.06
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
B540C
B550C
B560C
Maximum recurrent peak reverse voltage
V
RRM
40
50
60
V
Maximum RMS voltage
VRWS
28
35
42
V
Maximum DC blocking voltage
VDC
40
50
60
V
Maximum average forw ord rectified current at
c T
L(SEE FIG.1) (NOTE 2)
I(AV)
A
Peak forw ard surge current 8.3ms single half-
c sine-w ave superimposed on rated load(JEDEC
c Method)
IFSM
A
Maximum instantaneous forw ard voltage at
v 5.0A(NOTE.1)
VF
V
Maximum DC reverse current @T
A=25
oC
at rated DC blockjing voltage(NOTE1) @T
A=100
oC
RθJA
RθJL
Operating junction and storage temperature range
TSTG
oC
Storage temperature range
TJ
oC
0.5
50.0
10.0
I
R
NOTE: 1.Pulse test:300μS pulse width,1%duty cy cle
B520C-B560C
2. P.C.B.mounted with 0.55"X0.55"(14.0X14.0mm2)copper pad areas
REVERSE VOLTAGE: 20 --- 60 V
CURRENT: 5.0 A
◇ Built-in strain relief
◇ Case:JEDEC DO-214AB,molded plastic over
1111passivated chip
◇ Low power loss,high effciency
◇ Plastic package has Underwriters Laborator
111 Flammability Classification 94V-0
Typical thermal resitance (NOTE2)
oC/W
B530C
◇ High temperature soldering guaranteed:250
oC/10 1
11 seconds at terminals
B520C
◇ Polarity: Color band denotes cathode end
◇ Weight: 0.007 ounces, 0.21 gram
mA
UNITS
20
DO - 214AB(SMC)
◇ Low profile package
◇ For surface mounted applications
30
14
21
20
◇ Terminals:Solder Plated, solderable per MIL-STD-750,
1111Method 2026
◇ High current capability,low forward voltage drop
30
175.0
5.0
◇ For use in low voltage high frequency inverters,free
111 wheeling and polarity protection applications
◇ Guardring for overvoltage protection
-65--- +150
-65--- +150
-65--- +150
0.50
0.70
20
◇ Metal silicon junction, majority carrier conduction
◇ High surge capability
Dimensions in millimeters
BARRIER RECTIFIERS
SURFACE MOUNT SCHOTTKY
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - B560C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B560C DIODES-B560C Datasheet
48Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. C-2
B560C DIODES-B560C Datasheet
426Kb / 3P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
B560C BILIN-B560C Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
B560C DIODES-B560C Datasheet
97Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 14 - 2
logo
Shenzhen Luguang Electr...
B560C LUGUANG-B560C Datasheet
187Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B560C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com