Electronic Components Datasheet Search
  English  ▼

X  

P89LPC901 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # P89LPC901
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC901 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button P89LPC901 Datasheet HTML 47Page - NXP Semiconductors P89LPC901 Datasheet HTML 48Page - NXP Semiconductors P89LPC901 Datasheet HTML 49Page - NXP Semiconductors P89LPC901 Datasheet HTML 50Page - NXP Semiconductors P89LPC901 Datasheet HTML 51Page - NXP Semiconductors P89LPC901 Datasheet HTML 52Page - NXP Semiconductors P89LPC901 Datasheet HTML 53Page - NXP Semiconductors P89LPC901 Datasheet HTML 54Page - NXP Semiconductors P89LPC901 Datasheet HTML 55Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 55 / 55 page
background image
© Koninklijke Philips Electronics N.V. 2003.
Printed in the U.S.A.
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner.
The information presented in this document does not form part of any quotation or
contract, is believed to be accurate and reliable and may be changed without notice. No
liability will be accepted by the publisher for any consequence of its use. Publication
thereof does not convey nor imply any license under patent- or other industrial or
intellectual property rights.
Date of release: 21 November 2003
Document order number: 9397 750 12293
Contents
Philips Semiconductors
P89LPC901/902/903
8-bit microcontrollers with two-clock 80C51 core
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2.1
Principal features . . . . . . . . . . . . . . . . . . . . . . . 1
2.2
Additional features . . . . . . . . . . . . . . . . . . . . . . 1
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 3
3.1
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . 3
4
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 4
5
Pinning information . . . . . . . . . . . . . . . . . . . . . . 7
5.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
5.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 8
6
Logic symbols . . . . . . . . . . . . . . . . . . . . . . . . . 12
7
Special function registers . . . . . . . . . . . . . . . . 14
8
Functional description . . . . . . . . . . . . . . . . . . 24
8.1
Enhanced CPU . . . . . . . . . . . . . . . . . . . . . . . . 24
8.2
Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
8.3
On-chip RC oscillator option . . . . . . . . . . . . . . 25
8.4
Watchdog oscillator option . . . . . . . . . . . . . . . 25
8.5
External clock input option (P89LPC901) . . . . 25
8.6
CPU CLock (CCLK) wake-up delay . . . . . . . . 27
8.7
CPU CLOCK (CCLK) modification: DIVM
register. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
8.8
Low power select . . . . . . . . . . . . . . . . . . . . . . 27
8.9
Memory organization . . . . . . . . . . . . . . . . . . . 27
8.10
Data RAM arrangement . . . . . . . . . . . . . . . . . 27
8.11
Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
8.12
I/O ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.13
Power monitoring functions. . . . . . . . . . . . . . . 32
8.14
Power reduction modes . . . . . . . . . . . . . . . . . 32
8.15
Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
8.16
Timers/counters 0 and 1 . . . . . . . . . . . . . . . . . 34
8.17
Real-Time clock/system timer. . . . . . . . . . . . . 35
8.18
UART (P89LPC903) . . . . . . . . . . . . . . . . . . . . 35
8.19
Analog comparators . . . . . . . . . . . . . . . . . . . . 37
8.20
Internal reference voltage . . . . . . . . . . . . . . . . 38
8.21
Comparator interrupt. . . . . . . . . . . . . . . . . . . . 38
8.22
Comparator and power reduction modes . . . . 38
8.23
Keypad interrupt (KBI) . . . . . . . . . . . . . . . . . . 39
8.24
Watchdog timer. . . . . . . . . . . . . . . . . . . . . . . . 39
8.25
Additional features . . . . . . . . . . . . . . . . . . . . . 40
8.26
Flash program memory. . . . . . . . . . . . . . . . . . 40
9
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 43
10
Static characteristics. . . . . . . . . . . . . . . . . . . . 44
11
Dynamic characteristics . . . . . . . . . . . . . . . . . 46
12
Comparator electrical characteristics . . . . . . 47
13
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 48
14
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
14.1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 50
14.2
Through-hole mount packages . . . . . . . . . . . 50
14.3
Surface mount packages . . . . . . . . . . . . . . . . 50
14.4
Package related soldering information . . . . . . 52
15
Revision history . . . . . . . . . . . . . . . . . . . . . . . 53
16
Data sheet status. . . . . . . . . . . . . . . . . . . . . . . 54
17
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
18
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com