Electronic Components Datasheet Search
  English  ▼

X  

DS36C280 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS36C280
Description  Slew Rate Controlled CMOS EIA-RS-485 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36C280 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS36C280 Datasheet HTML 2Page - National Semiconductor (TI) DS36C280 Datasheet HTML 3Page - National Semiconductor (TI) DS36C280 Datasheet HTML 4Page - National Semiconductor (TI) DS36C280 Datasheet HTML 5Page - National Semiconductor (TI) DS36C280 Datasheet HTML 6Page - National Semiconductor (TI) DS36C280 Datasheet HTML 7Page - National Semiconductor (TI) DS36C280 Datasheet HTML 8Page - National Semiconductor (TI) DS36C280 Datasheet HTML 9Page - National Semiconductor (TI) DS36C280 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Parameter Measurement Information (Continued)
Typical Application Information
TABLE 1. Device Pin Descriptions
Pin
#
Name
Description
1
RO
Receiver Output: When DE/RE* (Receiver Enable) is LOW, the receiver is enabled (ON), if DO/RI
≥
DO*/RI* by 200 mV, RO will be HIGH. If DO/RI
≤ DO*/RI* by 200 mV, RO will be LOW. Additionally RO
will be HIGH for OPEN (Non-terminated) inputs.
2
SR
Slew Rate Control: A resistor connected to Ground controls the Driver Output rising and falling edge
rates.
3
DE/RE*
Combined Driver and Receiver Output Enable: When signal is LOW the receiver output is enabled and
the driver outputs are in TRI-STATE (OFF). When signaI is HlGH, the receiver output is in TRI-STATE
(OFF) and the driver outputs are enabled.
4
DI
Driver Input: When DE/RE* is HlGH, the driver is enabled, if DI is LOW, then DO/RI will be LOW and
DO*/RI* will be HIGH. If DI is HIGH, then DO/RI is HIGH and DO*/RI* is LOW.
DS012052-15
FIGURE 15. Receiver Enable and Disable Waveforms (t
PLZ,tPZL)
DS012052-16
FIGURE 16. Receiver Enable and Disable Waveforms (t
PHZ,tPZH)
DS012052-17
FIGURE 17. Typical Pin Connection
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com