Electronic Components Datasheet Search
  English  ▼

X  

P89LPC932BA Datasheet(PDF) 58 Page - NXP Semiconductors

Part # P89LPC932BA
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932BA Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button P89LPC932BA Datasheet HTML 52Page - NXP Semiconductors P89LPC932BA Datasheet HTML 53Page - NXP Semiconductors P89LPC932BA Datasheet HTML 54Page - NXP Semiconductors P89LPC932BA Datasheet HTML 55Page - NXP Semiconductors P89LPC932BA Datasheet HTML 56Page - NXP Semiconductors P89LPC932BA Datasheet HTML 57Page - NXP Semiconductors P89LPC932BA Datasheet HTML 58Page - NXP Semiconductors P89LPC932BA Datasheet HTML 59Page - NXP Semiconductors P89LPC932BA Datasheet HTML 60Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
58 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[3]
These transparent plastic packages are extremely sensitive to reflow soldering conditions and must
on no account be processed through more than one soldering cycle or subjected to infrared reflow
soldering with peak temperature exceeding 217
°C ± 10 °C measured in the atmosphere of the reflow
oven. The package body peak temperature must be kept as low as possible.
[4]
These packages are not suitable for wave soldering. On versions with the heatsink on the bottom
side, the solder cannot penetrate between the printed-circuit board and the heatsink. On versions with
the heatsink on the top side, the solder might be deposited on the heatsink surface.
[5]
If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave
direction. The package footprint must incorporate solder thieves downstream and at the side corners.
[6]
Wave soldering is suitable for LQFP, QFP and TQFP packages with a pitch (e) larger than 0.8 mm; it
is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
[7]
Wave soldering is suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than
0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
[8]
Image sensor packages in principle should not be soldered. They are mounted in sockets or delivered
pre-mounted on flex foil. However, the image sensor package can be mounted by the client on a flex
foil by using a hot bar soldering process. The appropriate soldering profile can be provided on
request.
[9]
Hot bar soldering or manual soldering is suitable for PMFP packages.
15. Revision history
Table 13:
Revision history
Rev Date
CPCN
Description
04
20040106
-
Product data (9397 750 12379); ECN 853-2433 01-A15016 dated 16 December 2003
Modifications:
• Table 4 “Special function registers”: changed PLEEN to PLLEN.
• Section 8.27.2 “Features” on page 41: adjusted bullet for erase/program cycles
• Table 8 “DC electrical characteristics” on page 45: adjusted value for ITL VIN.
03
20031007
-
Product data (9397 750 12119); ECN 853-2433 30392 dated 30 September 2003
02
20030725
-
Product data (9397 750 11712); ECN 853-2433 30141 dated 23 July 2003.
Supersedes Preliminary data P89LPC932_1 of 21 October 2002 (9397 750 10475)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com