Electronic Components Datasheet Search
  English  ▼

X  

ER1AB Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # ER1AB
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

ER1AB Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  ER1AB Datasheet HTML 1Page - Diode Semiconductor Korea ER1AB Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 . 5± 0.1 5
1.25± 0.2
0.2± 0.05
5 . 3± 0.2
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC
SMB,molded plastic
Terminals:
Solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight:
0.003 ounces, 0.093 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
ER1AB
ER1
BB ER1CB ER1DB ER1EB ER1GB ER1HB ER1JB UNITS
Maximum recurrent peak reverse voltage
V RRM
50
100
150
200
300
400
500
600
V
Maximum RMS voltage
V RMS
35
7
0
105
140
210
280
350
420
V
Maximum DC blocking voltage
V DC
50
100
150
200
300
400
500
600
V
Maximum average forw ard rectified current
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 1.0A
VF
1.7
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=125
Maximum reverse recovery time (Note 1)
trr
ns
Typical junction capacitance
(Note 2)
CJ
pF
Typical thermal resistance
(Note 3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
1.25
SMB
3.Thermal resistance junction to ambient.
A
30.0
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
- 55 ----- + 150
ER1AB---ER1JB
A
5.0
Easily cleaned with alcohol,Isopropanol
and similar solvents
IF(AV)
1.0
SURFACE MOUNT RECTIFIERS
- 55 ----- + 150
50
35
22
1
00
0.95
The plastic material carries U/L recognition 94V-0
VOLTAGE RANGE: 100 --- 600 V
CURRENT: 1.0 A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - ER1AB

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ER1AB LUGUANG-ER1AB Datasheet
207Kb / 2P
Surface Mount Rectifiers
More results

Similar Description - ER1AB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com