Electronic Components Datasheet Search
  English  ▼

X  

RGL41A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # RGL41A
Description  ULTRA FAST RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RGL41A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  RGL41A Datasheet HTML 1Page - SUNMATE electronic Co., LTD RGL41A Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
flammability classification 94V-0
Glass passivated chip junction
For surface mount applications
℃
Polarity: Color band denotes cathode
Weight: 0.0046 ounces, 0.116 grams
Mounting position: Any
RGL
41B
RGL
41D
RGL
41G
RGL
41J
RGL
41K
RGL
41M
UNITS
Maximum recurrent peak reverse voltage
100
200
400
600
800
1000
V
Maximum RMS voltage
70
140
280
420
560
700
V
Maximum DC blocking voltage
100
200
400
600
800
1000
V
Maximum average forward rectified current
TT=55℃
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage @1.0A
V
Maximum reverse current
@TA=25℃
at rated DC blocking voltage @TA=125℃
Maximum reverse recovery time (Note 1)
250
ns
Typical junction capacitance (Note 2)
pF
Typical thermal resistance (Note 3)
℃/W
Operating junction temperature range
℃
Storage temperature range
℃
NOTE: 1. Measured with IF=0.5A,IR=1.0A,Irr=0.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance from junction to ambient, 0.24×0.24"(6.0×6.0mm) copper pads to each terminal.
1.3
trr
150
500
VDC
A
µA
I(AV)
1.0
IFSM
30
A
VF
IR
5.0
50
VRRM
VRMS
RGL
41A
50
50
35
Cj
Tj
TSTG
RθJA
- 55 ---- +175
- 55 ---- +175
15
High temperature soldering guaranteed:450 ℃/5 seconds
Cavity-free glass passivated junction
Characteristic
Symbol
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1 of 2
www.sunmate.tw
Features
Mechanical Data
High temperature metallurgically bonded construction
!
!
!
!
!
!
!
at terminals.Complete device sub-mersible temperature
!
! of 265
Plastic package has underwriters laboratories
!
!
Case: JEDEC DO-213AB(LL41),molded plastic
!
Dim
Min
Max
LL41 /DO-213AB
A
4.80
5.20
B
2.40
2.60
C
0.55 Nominal
All Dimensions in mm
C
A
B
/
CURRENT: 1.0 A
VOLTAGE RANGE: 50 - 1000V
RGL41A -RGL41M
SURFACE MOUNT FAST RECOVERY RECTIFIER DIODES


Similar Part No. - RGL41A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
RGL41A FCI-RGL41A Datasheet
157Kb / 2P
1.0 Amp FAST SWITCHING MEGARECTIFIERS
logo
Vishay Siliconix
RGL41A VISHAY-RGL41A Datasheet
111Kb / 5P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Apr-08
logo
TAITRON Components Inco...
RGL41A TAITRON-RGL41A Datasheet
201Kb / 4P
1.0A Surface Mount Fast Recovery Rectifier
logo
Vishay Siliconix
RGL41A VISHAY-RGL41A Datasheet
86Kb / 5P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
logo
Shenzhen Luguang Electr...
RGL41A LUGUANG-RGL41A Datasheet
191Kb / 2P
Surface Mount Rectifiers
More results

Similar Description - RGL41A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
11DF1 EIC-11DF1 Datasheet
38Kb / 2P
ULTRA FAST RECTIFIER DIODES
11DF3 EIC-11DF3 Datasheet
93Kb / 2P
ULTRA FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
MUR805 SUNMATE-MUR805 Datasheet
332Kb / 2P
ULTRA FAST RECTIFIER DIODES
UF3001 SUNMATE-UF3001 Datasheet
274Kb / 2P
ULTRA FAST RECTIFIER DIODES
UF5001 SUNMATE-UF5001 Datasheet
292Kb / 2P
ULTRA FAST RECTIFIER DIODES
logo
Diode Semiconductor Kor...
BYG20D DSK-BYG20D Datasheet
83Kb / 2P
ULTRA FAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com