Electronic Components Datasheet Search
  English  ▼

X  

P89LPC903 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # P89LPC903
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC903 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button P89LPC903 Datasheet HTML 24Page - NXP Semiconductors P89LPC903 Datasheet HTML 25Page - NXP Semiconductors P89LPC903 Datasheet HTML 26Page - NXP Semiconductors P89LPC903 Datasheet HTML 27Page - NXP Semiconductors P89LPC903 Datasheet HTML 28Page - NXP Semiconductors P89LPC903 Datasheet HTML 29Page - NXP Semiconductors P89LPC903 Datasheet HTML 30Page - NXP Semiconductors P89LPC903 Datasheet HTML 31Page - NXP Semiconductors P89LPC903 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
Philips Semiconductors
P89LPC901/902/903
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 04 — 21 November 2003
28 of 55
9397 750 12293
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
The P89LPC901 supports 6 interrupt sources: timers 0 and 1, brownout detect,
Watchdog/real-time clock, keyboard, and the comparator.
The P89LPC902 supports 6 interrupt sources: timers 0 and 1, brownout detect,
Watchdog/real-time clock, keyboard, and comparators 1 and 2.
The P89LPC903 supports 9 interrupt sources: timers 0 and 1, serial port Tx, serial
port Rx, combined serial port Rx/Tx, brownout detect, Watchdog/real-time clock,
keyboard, and comparators 1 and 2.
Each interrupt source can be individually enabled or disabled by setting or clearing a
bit in the interrupt enable registers IEN0 or IEN1. The IEN0 register also contains a
global disable bit, EA, which disables all interrupts.
Each interrupt source can be individually programmed to one of four priority levels by
setting or clearing bits in the interrupt priority registers IP0, IP0H, IP1, and IP1H. An
interrupt service routine in progress can be interrupted by a higher priority interrupt,
but not by another interrupt of the same or lower priority. The highest priority interrupt
service cannot be interrupted by any other interrupt source. If two requests of
different priority levels are pending at the start of an instruction, the request of higher
priority level is serviced.
If requests of the same priority level are pending at the start of an instruction, an
internal polling sequence determines which request is serviced. This is called the
arbitration ranking. Note that the arbitration ranking is only used to resolve pending
requests of the same priority level.
8.11.1
External interrupt inputs
The P89LPC901/902/903 has a Keypad Interrupt function. This can be used as an
external interrupt input.
If enabled when the P89LPC901/902/903 is put into Power-down or Idle mode, the
interrupt will cause the processor to wake-up and resume operation. Refer to Section
8.14 “Power reduction modes” for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com