Electronic Components Datasheet Search
  English  ▼

X  

TLV314IDBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV314IDBVT
Description  3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV314IDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV314IDBVT Datasheet HTML 2Page - Texas Instruments TLV314IDBVT Datasheet HTML 3Page - Texas Instruments TLV314IDBVT Datasheet HTML 4Page - Texas Instruments TLV314IDBVT Datasheet HTML 5Page - Texas Instruments TLV314IDBVT Datasheet HTML 6Page - Texas Instruments TLV314IDBVT Datasheet HTML 7Page - Texas Instruments TLV314IDBVT Datasheet HTML 8Page - Texas Instruments TLV314IDBVT Datasheet HTML 9Page - Texas Instruments TLV314IDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
TLV314, TLV2314, TLV4314
SBOS754A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLV314 TLV2314 TLV4314
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails must be
current limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
7
V
Signal input pins
Voltage(2)
(V–) – 0.5
(V+) + 0.5
V
Current(2)
–10
10
mA
Output short-circuit(3)
Continuous
mA
Temperature
Specified, TA
–40
125
°C
Junction, TJ
150
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage
Single supply
1.8
5.5
V
Dual supply
±0.9
±2.75
Specified temperature range
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com