Electronic Components Datasheet Search
  English  ▼

X  

SM5821 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SM5821
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SM5821 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SM5821 Datasheet HTML 1Page - Diode Semiconductor Korea SM5821 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6.9± 0.25
1.
3± 0. 25
7.8± 0. 2
0.25± 0.06
FEATURES
Metal-Semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
MECHANICAL DATA
Case:JEDEC
SMC,molded plastic
Terminals:
Solderable per
MIL- STD-202,
method 208
Polarity: Color band denotes cathode
Weight: 0.
007 ounces,0.21 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
@T
L=90
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage @ 3.0A
(Note 1)
@ 9.4A
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=100
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
SM5820---SM5822
A
For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
IF(AV)
VOLTAGE RANGE: 20 --- 40 V
CURRENT: 3.0 A
SMC(DO-214AB)
The plastic material carries U/L recognition 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SM5820
3.Thermal resistance junction to ambient
mA
IR
IFSM
NOTE: 1. Pulse test : 300 s pulse width,1% duty cy cle.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
20
- 55 ---- + 125
- 55 ---- + 150
80.0
250
3.0
20.0
2.0
40
0.525
0.95
0.50
VF
V
0.90
0.475
0.85
SM5821
SM5822
40
28
30
21
30
20
14
20
SCHOTTKY BARRIER RECTIFIERS
SURFACE MOUNT
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - SM5821

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SM5821 LUGUANG-SM5821 Datasheet
199Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
SM5821 HORNBY-SM5821 Datasheet
337Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Bytes
SM5821B BYTES-SM5821B Datasheet
151Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM5821B UNIOHM-SM5821B Datasheet
65Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SUNMATE electronic Co.,...
SM5821B SUNMATE-SM5821B Datasheet
217Kb / 2P
3.0A Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SM5821

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com