Electronic Components Datasheet Search
  English  ▼

X  

DS3862 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3862
Description  Octal High Speed Trapezoidal Bus Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3862 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3862 Datasheet HTML 1Page - National Semiconductor (TI) DS3862 Datasheet HTML 2Page - National Semiconductor (TI) DS3862 Datasheet HTML 3Page - National Semiconductor (TI) DS3862 Datasheet HTML 4Page - National Semiconductor (TI) DS3862 Datasheet HTML 5Page - National Semiconductor (TI) DS3862 Datasheet HTML 6Page - National Semiconductor (TI) DS3862 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6V
Control Input Voltage
5.5V
Driver Input and Receiver Output
5.5V
Receiver Input and Driver Output
5.5V
Power Dissipation
1400 mW
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 4 seconds)
260˚C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage,V
CC
4.75
5.25
V
Operating Free Air Temperature
0
70
˚C
Electrical Characteristics (Notes 2, 3)
0˚C
≤ T
A ≤ 70˚C, 4.75V ≤ VCC ≤ 5.25V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Driver and Control Inputs:
V
IH
Logical “1” Input Voltage
2.0
V
V
IL
Logical “0” Input Voltage
0.8
V
I
I
Logical “1” Input Current
An = V
CC
1mA
I
IH
Logical “1” Input Current
An = 2.4V
40
µA
I
IHC
Logical “1” Input Current
CD = T/R = 2.4V
80
µA
I
IL
Logical “0” Input Current
An = 0.4V
−1
−1.6
mA
I
ILC
CD & T/R Logical “0” Input Current
CD = T/R = 0.4V
−180
−400
µA
V
CL
Input Diode Clamp Voltage
Iclamp = −12 mA
−0.9
−1.5
V
Driver Output/Receiver Input
V
OLB
Low Level Bus Voltage
An = T/R = 2V, Ibus = 100 mA
0.6
0.9
V
I
IHB
Logical “1” Bus Current
An = 0.8V, Bn = 4V, V
CC = 5.25V and 0V
10
100
µA
I
ILB
Logical “0” Bus Current
An = 0.8V, Bn = 0V, V
CC = 5.25V and 0V
100
µA
V
TH
Input Threshold
V
CC = 5V
1.5
1.7
1.9
V
Receiver Output
V
OH
Logical “1” Output Voltage
Bn = 0.9V, I
oh = − 400µA
2.4
3.2
V
V
OL
Logical “0” Output Voltage
Bn = 4V, I
ol = 16 mA
0.35
0.5
V
I
OS
Output Short Circuit Current
Bn = 0.9V
−20
−70
−100
mA
I
CC
Supply Current
V
CC = 5.25V
90
135
mA
Note 1: “Absolute Maximum Ratings” are those beyond which the safety of the device cannot be guaranteed. They are not meant to imply that device should be op-
erated at these limits. The table of “Electrical Characteristics” provide conditions for actual device operation.
Note 2: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise specified.
Note 3: All typicals are given for VCC = 5V and TA = 25˚C.
Switching Characteristics
0˚C
≤ T
A ≤ 70˚C, 4.75V ≤ VCC ≤ 5.25V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Driver:
t
DLH
An to Bn
CD = 0.8V, T/R = 2.0V, VL = 5V
(
Figure 1)
12
20
ns
t
DHL
12
20
ns
t
DLHC
CD to Bn
An = T/R = 2.0V, VL = 5V,
(
Figure 1)
12
20
ns
t
DHLC
15
25
ns
t
DLHT
T/R to Bn
VCI = An, VC = 5V,
(
Figure 2)20
30
ns
t
DHLT
CD = 0.8V, RC = 390
Ω,CL = 30 pF
25
40
ns
RL1 = 91
Ω, RL2 = 200Ω,VL = 5V
t
R
Driver Output Rise Time
CD = 0.8V, T/R = 2V, VL = 5V
(
Figure 1)
4
9
20
ns
t
F
Driver Output Fall Time
4
9
20
ns
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com