Electronic Components Datasheet Search
  English  ▼

X  

TLV5580CPWR Datasheet(PDF) 19 Page - Texas Instruments

Part # TLV5580CPWR
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5580CPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV5580CPWR Datasheet HTML 15Page - Texas Instruments TLV5580CPWR Datasheet HTML 16Page - Texas Instruments TLV5580CPWR Datasheet HTML 17Page - Texas Instruments TLV5580CPWR Datasheet HTML 18Page - Texas Instruments TLV5580CPWR Datasheet HTML 19Page - Texas Instruments TLV5580CPWR Datasheet HTML 20Page - Texas Instruments TLV5580CPWR Datasheet HTML 21Page - Texas Instruments TLV5580CPWR Datasheet HTML 22Page - Texas Instruments TLV5580CPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
19
TLV5580 EVALUATION MODULE
POWER SUPPLIES
The board provides seven power supply connectors (see Table 2). For optimum performance, analog and digital
supplies should be kept separate. Using separate supplies for the digital logic portion of TLV5580 (DVDD) and
its output drivers (DRVDD) benefits dynamic performance, especially when DRVDD is put at the minimum
required voltage (3 V), while DVDD might be higher (up to 3.6 V). This lowers the switching noise on the die
caused by the output drivers.
Table 2. Power Supplies
SIGNAL
NAME
CONNECTOR
BOARD
LABEL
DESCRIPTION
DRV3
J1
3DRV
3.3 V digital supply for TLV5580 (digital output drivers)
DV3
J2
3VD
3.3 V digital supply for TLV5580 (digital logic) and peripherals
DV5
J3
5VD
5 V digital supply for D/A converter and peripherals
AV3
J4
3VA
3.3 V analog supply for TLV5580
AV5
J5
5VA
5 V analog supply for onboard reference circuit and D/A converter. Can be left unconnected if
internal references are used and no D/A conversion is required.
AV+12
J6
12VA
12 V analog supply for onboard reference circuit. Can be left unconnected if internal references
are used.
AV−12
J7
−12VA
−12 V analog supply for onboard reference circuit. Can be left unconnected if internal references
are used.
VOLTAGE REFERENCES
SW1 and SW2 switch between internal and external top and bottom references respectively. The external
references are onboard generated from a stable bandgap-derived 3.3 V signal (using TI’s TPS7133 and
quad-op amp TLE2144). They can be adjusted via potentiometers R6 (V(REFBI)) and R7 (V(REFTI)). It is advised
to power down the internal voltage references by asserting PWN_REF when onboard references are used.
The references are measured at test points TP3 (V(REFB)) and TP4 (V(REFT)).
DAC OUTPUT
The onboard DAC is a 10-bit 80 MSPS converter. It is connected back-to-back to the TLV5580. While the user
could use its analog output for measurements, the DAC output is directly connected to connector J8 and does
not pass through an analog reconstruction filter. So mirror spectra from aliased signal components feed through
into the analog output.
For this reason and to separate ADC and DAC contributions, performance measurements should be made by
capturing the ADC output data available on connector J11 and not by evaluating the DAC output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com