Electronic Components Datasheet Search
  English  ▼

X  

DS36C280M Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS36C280M
Description  Slew Rate Controlled CMOS EIA-RS-485 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36C280M Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS36C280M Datasheet HTML 1Page - National Semiconductor (TI) DS36C280M Datasheet HTML 2Page - National Semiconductor (TI) DS36C280M Datasheet HTML 3Page - National Semiconductor (TI) DS36C280M Datasheet HTML 4Page - National Semiconductor (TI) DS36C280M Datasheet HTML 5Page - National Semiconductor (TI) DS36C280M Datasheet HTML 6Page - National Semiconductor (TI) DS36C280M Datasheet HTML 7Page - National Semiconductor (TI) DS36C280M Datasheet HTML 8Page - National Semiconductor (TI) DS36C280M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Switching Characteristics (Notes 4, 9, 11) (Continued)
Note 6: Threshold parameter limits specified as an algebraic value rather than by magnitude.
Note 7: Hysteresis defined as VHST =VTH −VTL.
Note 8: IIN includes the receiver input current and driver TRI-STATE leakage current.
Note 9: CL includes probe and jig capacitance.
Note 10: For complete details of test, see RS-485.
Note 11: SR = GND for all Switching Characteristics unless otherwise specified.
Parameter Measurement Information
DS012052-2
FIGURE 1. Driver V
OD2 and VOC
DS012052-18
FIGURE 2. Driver V
OD3
DS012052-3
FIGURE 3. Driver V
OH and VOL
DS012052-4
Vtest = −7V to +12V
FIGURE 4. Driver I
OSD
DS012052-5
FIGURE 5. Driver Differential
Propagation Delay Test Circuit
DS012052-6
FIGURE 6. Driver Differential Propagation Delays
and Differential Rise and Fall Times
DS012052-7
FIGURE 7. TRI-STATE Test Circuit (t
PZH ,tPHZ)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com