Electronic Components Datasheet Search
  English  ▼

X  

THS3091DDA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS3091DDA
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3091DDA Datasheet(HTML) 3 Page - Texas Instruments

  THS3091DDA Datasheet HTML 1Page - Texas Instruments THS3091DDA Datasheet HTML 2Page - Texas Instruments THS3091DDA Datasheet HTML 3Page - Texas Instruments THS3091DDA Datasheet HTML 4Page - Texas Instruments THS3091DDA Datasheet HTML 5Page - Texas Instruments THS3091DDA Datasheet HTML 6Page - Texas Instruments THS3091DDA Datasheet HTML 7Page - Texas Instruments THS3091DDA Datasheet HTML 8Page - Texas Instruments THS3091DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
MIN
MAX
UNIT
Dual supply
±5
±15
Supply voltage
V
Single supply
10
30
TA
Operating free-air temperature
-40
85
°C
over operating free-air temperature (unless otherwise noted)(1)
UNIT
VS- to VS+
Supply voltage
33 V
VI
Input voltage
± V
S
VID
Differential input voltage
± 4 V
IO
Output current
350 mA
Continuous power dissipation
See Dissipation Ratings Table
TJ
Maximum junction temperature,
150
°C
TJ(2)
Maximum junction temperature, continuous operation, long-term reliability
125
°C
Tstg
Storage temperature
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
HBM
2000
ESD ratings
CDM
1500
MM
150
(1)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com