Electronic Components Datasheet Search
  English  ▼

X  

T124017 Datasheet(PDF) 1 Page - E-SWITCH

Part # T124017
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T124017 Datasheet(HTML) 1 Page - E-SWITCH

  T124017 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100DP4T2B3M1QE
2:1
5/6/2010
T124017
C
BLR
1
1
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 2Amps@ 250VAC
5Amps@ 120VAC or 28VDC
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
(ON)
(ON)
2-3,5-6
OPEN
2-1,5-4
2
13
CIRCUI: DPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
1
2
3
3
12.70
[.500 in]
11.43
[.450 in]
6
5
46
2.67
[.105 in]
6.86
[.270 in]
7.10
[.280 in]
A
18944
Release For Production
3/19/10
BLR
1.02
[.040 in]
KEYWAY
.71
[.028 in]
25
POS. 1
POS. 2
POS. 3
2.03
[.080 in]
1.19
[.047 in]
4.83
[.190 in]
1.98
[.078 in]
8.89
[.350 in]
12.85
[.506 in]
4.70
[.185 in]
.76
[.030 in]
EPOXY SEAL
B
19057
CORRECT SWITCH FUNCTION TABLE
5/6/10
BLR
B
C
21563
Corrected Switch Function
9/2/14
BLR


Similar Part No. - T124017

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T124010 E-SWITCH-T124010 Datasheet
247Kb / 1P
ALL DIMENSIONS IN MM [INCH]
logo
TE Connectivity Ltd
T1240100129-000 TEC-T1240100129-000 Datasheet
282Kb / 4P
T1240100129-000
logo
E-SWITCH
T124011 E-SWITCH-T124011 Datasheet
247Kb / 1P
ALL DIMENSIONS IN MM [INCH]l
T124014 E-SWITCH-T124014 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T124015 E-SWITCH-T124015 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T124017

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com